Electronic Components Datasheet Search
  English  ▼

X  

BC66 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # BC66
Description  Compact LTE Cat NB1 Module with Ultra-low Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BC66 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  BC66 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BC66 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel BC66
Compact LTE Cat NB1 Module
with Ultra-low Power Consumption
BC66 is high-performance, multi-band LTE Cat NB1 module with extremely low power consumption. The ultra-compact 17.7
mm × 15.8 mm × 2.0 mm profile makes it perfect choice for size sensitive applications. Designed to be compatible with
Quectel GSM/GPRS M66 module in the compact and unified form factor, BC66 provides a flexible and scalable platform for
migrating from GSM/GPRS to NB-IoT network. Also it is compatible with Quectel NB-IoT modules BC66-NA, BC68 and BC65.
BC66 provides abundant external interfaces and protocol stacks, as well as specialized PSM_EINT for easy module wake-up
via the external interrupt.
BC66 adopts surface mounted technology, making it an ideal solution for durable and rugged designs. The low profile and
small size of LCC package allow BC66 to be easily embedded into space-constrained applications and provide reliable
connectivity with applications.
Due to compact form factor, ultra-low power consumption and extended temperature range, BC66 is a best choice for a wide
range of IoT applications, ranging from smart metering, bike sharing, smart wearables, smart parking, smart city, security and
asset tracking to home appliances, agricultural and environmental monitoring, etc. Additionally, it is able to provide a
complete range of SMS and data transmission services to meet client-side demands.
Key
Features
Compact LPWA module with ultra-low power consumption
Low power supply voltage: 2.1–3.63 V
QuecOpen® solution minimizes application design
Specialized PSM_EINT for easy module wake-up via external interrupt
Build-in eSIM reserved
Multi-band and rich external interfaces
Compatible with Quectel GSM/GPRS module, easy for future upgrading
Embedded with abundant Internet service protocols
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Compact Size
Multi-Band
NB-IoT
LCC Package
Multiple Serial
Ports
Ultra-low Power
Consumption
Quectel Enhanced
AT Commands
Embedded Internet
Services Protocols
Extended Temperature
Range: -40 °C to +85 °C
Version: 1.8 | Status: Released
15.8 mm
2.0 mm


Similar Part No. - BC66

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BC66-NA QUECTEL-BC66-NA Datasheet
494Kb / 2P
Compact LTE Cat NB2 Module with Ultra-low Power Consumption
logo
Holtek Semiconductor In...
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
BC66F840 HOLTEK-BC66F840 Datasheet
6Mb / 242P
2.4GHz Flash RF TX/RX MCU
BC66F850 HOLTEK-BC66F850 Datasheet
6Mb / 242P
2.4GHz Flash RF TX/RX MCU
BC66F860 HOLTEK-BC66F860 Datasheet
6Mb / 242P
2.4GHz Flash RF TX/RX MCU
More results

Similar Description - BC66

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
HPM152 HOPE-HPM152 Datasheet
620Kb / 1P
LTE Cat NB1 LCC Packaging Module
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
LTE Cat M1/NB1 Embedded
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
LTE Cat M1/NB1 Embedded
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
BC66-NA QUECTEL-BC66-NA Datasheet
494Kb / 2P
Compact LTE Cat NB2 Module with Ultra-low Power Consumption
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
Ultra-Compact LTE Cat M1/Cat NB2 Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
L70-R QUECTEL-L70-R Datasheet
1Mb / 2P
Compact GPS Module with Ultra Low Consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com