Electronic Components Datasheet Search
  English  ▼

X  

EM05 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EM05
Description  IoT/M2M-optimized LTE Cat 4 M.2 Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EM05 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EM05 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EM05 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel EM05 is an LTE category 4 module adopting standard M.2 (NGFF) form factor. The space-saving M.2 form factor
allows EM05 to be easily integrated into smaller and thinner devices. With maximum data rates up to 150Mbps downlink and
50Mbps uplink, it is optimized specially for M2M and IoT applications.
EM05 contains three variants: EM05-CE, EM05-E and EM05-CML, which can provide data connectivity on LTE-FDD, LTE-TDD,
DC-HSDPA, HSPA+, HSDPA, HSUPA, WCDMA and CDMA networks.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB drivers for Windows
7/8/8.1/10, Linux and Android, DFOTA, etc.) extend the applicability of the module to a wide range of M2M applications such
as industrial router, industrial PDA, rugged tablet PC, video surveillance and digital signage.
Key Benefits
Rev.: V1.2 | Status: Released
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Quectel EM05 Series
IoT/M2M-optimized
LTE Cat 4 M.2 Modules
LTE Cat 4 module optimized for broadband IoT/M2M applications
Worldwide LTE and UMTS/HSPA+ coverage
Standard M.2 (NGFF) form factor ideal for manufacturers to
easily integrate wireless connectivity into devices
Support DFOTA and DTMF
MIMO technology meets demands for data rate and link reliability
in wireless communication systems
LTE Cat 4
Max 150Mbps (DL)
Max 50Mbps (UL)
Max 42Mbps (DL)
Max 5.76Mbps (UL)
USB 2.0 High Speed
Interface
M.2 Package
USB Drivers
Quectel Enhanced
AT Commands
Embedded Abundant
Protocols
Multi-constellation
GNSS
DFOTA
30.0±0.15mm
2.3±0.20mm


Similar Part No. - EM05

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EM05-CE ADVANTECH-EM05-CE Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
More results

Similar Description - EM05

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EM06 QUECTEL-EM06 Datasheet
773Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
IoT/M2M-optimized LTE Cat 1 Modules
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
logo
List of Unclassifed Man...
EG25-G ETC-EG25-G Datasheet
3Mb / 2P
IoT/M2M-optimized LTE Cat 4 USB Modem
logo
Quectel Wireless Soluti...
EM06 QUECTEL-EM06_V01 Datasheet
709Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
Rev.: V1.6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com