Electronic Components Datasheet Search
  English  ▼

X  

FC20 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # FC20
Description  Wi-Fi & BT Module with Ultra-compact LCC Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

FC20 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  FC20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. FC20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Variants for the Global
FC20
①:
Function: Wi-Fi 2.4GHz+5GHz & BT 4.2*
WLAN Standard: 802.11a/b/g/n/ac
BT Standard: BT 4.2*
Modulation Mode:
BPSK, QPSK, CCK, 16QAM, 64QAM, 256QAM
FC20-N
①:
Function: Wi-Fi 2.4GHz
WLAN Standard: 802.11b/g/n
Modulation Mode:
BPSK, QPSK, CCK, 16QAM, 64QAM
Data Rate
802.11a: Max 54Mbps
802.11b: Max 11Mbps
802.11g: Max 54Mbps
802.11n: Max 150Mbps
802.11ac: Max 433Mbps
BT 4.2*: Max 24Mbps
Interfaces
SDIO × 1 (SDIO 3.0)
BT_UART × 1
DBG_TXD × 1 (used for software debugging)
32KHz_IN × 1 (used in low power modes)
Wi-Fi & BT Antenna Interface × 1
Electrical Characteristics
Receiving Sensitivity:
-90dBm @802.11a/6Mbps
-74dBm @802.11a/54Mbps
-92dBm @802.11b/1Mbps
-85dBm @802.11b/11Mbps
-88dBm @802.11g/6Mbps
-72dBm @802.11g/54Mbps
-88.5dBm @802.11n/HT20 MCS0
-85dBm @802.11n/HT40 MCS0
-70dBm @802.11n/HT20 MCS7
-67dBm @802.11n/HT40 MCS7
-90dBm @802.11ac/VHT20 MCS0
-87dBm @802.11ac/VHT40 MCS0
-67dBm @802.11ac/VHT20 MCS7
-62dBm @802.11ac/VHT40 MCS9
-84dBm @802.11ac/VHT80 MCS0
-59dBm @802.11ac/VHT80 MCS9
Transmitting Power:
14.5dBm @802.11a/6Mbps
12.5dBm @802.11a/54Mbps
17.5dBm @802.11b/1Mbps
17.0dBm @802.11b/11Mbps
16.5dBm @802.11g/6Mbps
15.0dBm @802.11g/54Mbps
15.5dBm @802.11n/HT20 MCS0
15.0dBm @802.11n/HT40 MCS0
14.5dBm @802.11n/HT20 MCS7
13.0dBm @802.11n/HT40 MCS7
13.5dBm @802.11ac/VHT20 MCS0
12.0dBm @802.11ac/VHT40 MCS0
11.5dBm @802.11ac/VHT20 MCS7
10.5dBm @802.11ac/VHT40 MCS9
11.5dBm @802.11ac/VHT80 MCS0
10.5dBm @802.11ac/VHT80 MCS9
Consumption:
0μA @OFF State, 3.3V WLAN Supply Voltage
554μA @OFF State, 1.8V I/O Pins Supply Voltage
66mA @Idle
②, 3.3V WLAN Supply Voltage
6.5mA @Idle
②, 1.8V I/O Pins Supply Voltage
General Features
Power Supply Voltage Range:
3.14V~3.46V, 3.3V Typ.
I/O Pins Supply Voltage Range:
1.71V~1.89V, 1.8V Typ.
Encryption Mode:
WEP/TKIP/AES/WPA-PSK/WPA2-PSK
AP (Max Access Point): 16
Operat
ion Mode: AP, STA
Temperature Range: -40°C ~ +85°C
Dimension: 16.6mm × 13.0mm × 2.1mm
Weight: approx. 0.81g
Approvals
Regulatory:
CE (Europe)
FCC (North America)
IC (Canada)
Anatel (Brazil)
JATE/TELEC (Japan)
Others:
RoHS Compliant
* means under development.
①
FC20/FC20-N must be used in combination
with EC21/EC25/EC20 R2.0/EC20 R2.1/
EG25-G module.
②
In idle state, WLAN is enabled without any
device connected.
Quectel FC20
Wi-Fi & BT Module with
Ultra-compact LCC Package
13.0 mm
2.1 mm
Copyright © 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved
http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com