Electronic Components Datasheet Search
  English  ▼

X  

L26 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # L26
Description  Compact GNSS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L26 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  L26 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L26 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quectel L26-LB
Compact GNSS Module
GNSS Features
Receiving Bands
①:
GPS L1/Galileo E1 C/A: 1575.42MHz
GLONASS L1 C/A: 1602.5625MHz
BeiDou B1 C/A: 1561.098MHz
Channel:
33 Tracking Channels
99 Acquisition Channels
210 PRN Channels
SBAS:
WAAS, EGNOS, MSAS, GAGAN
Horizontal Position Accuracy:
Autonomous: <2.5m CEP
Velocity Accuracy
②:
Without Aid: <0.1m/s
Acceleration Accuracy:
Without Aid: <0.1m/s²
Timing Accuracy:
1PPS <100ns
Reacquisition Time:
<1s
TTFF @-130dBm with EASY™
②:
Cold Start: <15s
Warm Start: <5s
Hot Start: <1s
TTFF @-130dBm without EASY™
②:
Cold Start: <35s
Warm Start: <30s
Hot Start: <1s
Sensitivity:
Acquisition: -148dBm
Tracking: -165dBm
Reacquisition: -160dBm
Dynamic Performance:
Maximum Altitude: Max. 18000m
Maximum Velocity: Max. 515m/s
Maximum Acceleration: 4G
Interfaces
I2C Interface:
Up to 400kbps
UART Interface:
Adjustable: 4800bps~921600bps
Default: 9600bps
Update Rate:
1Hz (Default), up to 10Hz
I/O Port Voltage:
2.7V~2.9V
Electrical Characteristics
Power Supply:
2.8V~4.3V, Typ. 3.3V
Power Consumption:
Acquisition: 30.3mA @3.3V (GPS+GLONASS)
Tracking: 28.0mA @3.3V (GPS+GLONASS)
Power Saving:
8.8μA @Backup Mode
0.9mA @Standby Mode
Antenna Type:
Active or Passive
Antenna Power:
External or Internal VCC_RF
General Features
Temperature Range:
-40°C ~ +85°C
Dimensions:
12.2mm × 16.0mm × 2.3mm
Weight:
Approx. 1.0g
Protocols:
NMEA 0183
PMTK
① Default GNSS Configuration: GPS+GLONASS
② Measured in GPS+GLONASS Systems under
Outdoor Static Mode.
Copyright © 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com