Electronic Components Datasheet Search
  English  ▼

X  

L70 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # L70
Description  Compact GPS Module Ultra Low Consumption Fast Positioning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L70 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  L70 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L70 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel L70
Compact GPS Module
Ultra Low Consumption
Fast Positioning
Build a Smarter World
L70, an SMD type module, brings the high performance of MTK positioning engine to the industrial applications with compact
profile, ultra low power consumption and fast positioning capability.
Combining advanced AGPS called EASY™ (Embedded Assist System) and proven AlwaysLocate™ technology, L70 achieves the
highest performance and fully meets the industrial standard. EASY™ technology ensures L70 can calculate and predict orbits
automatically using the ephemeris data (up to 3 days) stored in internal RAM memory, so L70 can fix position quickly even at
indoor signal levels with low power consumption. With AlwaysLocate™ technology, L70 can adaptively adjust the on/off time
to achieve balance between positioning accuracy and power consumption according to the environmental and motion
conditions.
Additional feature of embedded logger function called LOCUS allows L70 to log position information to internal flash memory
at default intervals of 15 seconds and provide typically more than 16 hours log capacity without adding cost.
The Fitness Low Power (FLP) feature provides low power GPS solution for fitness application. It is an optimized solution for
wearable, fitness and tracking device and only costs 5mA current consumption in static receiving.
With its tiny design, high precision and sensitivity, L70 is perfectly suitable for a broad range of M2M applications such as
portable device, automotive, personal tracking, security and industrial PDA.
Key
Benefits
Extremely compact size: 10.1mm × 9.7mm × 2.5mm
EASY™, an advanced AGPS technology without external memory
Ultra low power consumption in tracking mode, 12mA
AlwaysLocate™, an intelligent controller of periodic mode
LOCUS, an embedded logger solution with no need of host and
external flash
High sensitivity, -165dBm @Tracking, -148dBm @Acquisition
66 acquisition channels, 22 tracking channels
FLP mode, only 5mA in static receiving
Balloon mode, for high altitude up to 80km
Support QZSS
Support DGPS, SBAS (WAAS/ EGNOS/ MSAS/ GAGAN)
Anti-Jamming, Multi-tone Active Interference Canceller
PPS VS. NMEA can be used for time service
Support SDK command developed by Quectel
EASY™ Technology
Ultra Low Power
Consumption
GPS+QZSS
RoHS Compliant
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Extended Temperature
Range: -40°C ~ +85°C
Compact Size
Super Tracking
Sensitivity:
-165dBm
Anti-jamming
Quectel
Confidential


Similar Part No. - L70

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L70-278-140 ROSENBERGER-L70-278-140 Datasheet
497Kb / 1P
Cable assembly
L70-279-140 ROSENBERGER-L70-279-140 Datasheet
497Kb / 1P
Cable assembly
L70-280-140 ROSENBERGER-L70-280-140 Datasheet
496Kb / 1P
Cable assembly
L70-281-140 ROSENBERGER-L70-281-140 Datasheet
498Kb / 1P
Cable assembly
L70-282-140 ROSENBERGER-L70-282-140 Datasheet
498Kb / 1P
Cable assembly
More results

Similar Description - L70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPS140 ETC-GPS140 Datasheet
282Kb / 38P
GPS Positioning Module
TIM-LR ETC2-TIM-LR Datasheet
68Kb / 2P
Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
logo
TAITIEN ELECTRONICS CO....
T-ESTM TAITIEN-T-ESTM Datasheet
379Kb / 2P
Ultra-compact Low Power Consumption Portable Clock
logo
Quectel Wireless Soluti...
BC66 QUECTEL-BC66 Datasheet
491Kb / 2P
Compact LTE Cat NB1 Module with Ultra-low Power Consumption
BC66-NA QUECTEL-BC66-NA Datasheet
494Kb / 2P
Compact LTE Cat NB2 Module with Ultra-low Power Consumption
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
BC92 QUECTEL-BC92 Datasheet
562Kb / 2P
Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
L70-R QUECTEL-L70-R Datasheet
1Mb / 2P
Compact GPS Module with Ultra Low Consumption
L70-RL QUECTEL-L70-RL Datasheet
1Mb / 2P
Compact GPS Module with Built-in LNA and Ultra Low Power Consumption
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com