Electronic Components Datasheet Search
  English  ▼

X  

CEXPRESS-AL Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # CEXPRESS-AL
Description  COM Express Compact Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

CEXPRESS-AL Datasheet(HTML) 1 Page - Adlink Technology Inc.

  CEXPRESS-AL Datasheet HTML 1Page - Adlink Technology Inc. CEXPRESS-AL Datasheet HTML 2Page - Adlink Technology Inc. CEXPRESS-AL Datasheet HTML 3Page - Adlink Technology Inc. CEXPRESS-AL Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cExpress-AL
COM Express Compact Size Type 6 Module with Intel Atom® E3900 series
and Pentium®/Celeron® SoC
Features
●
Intel Atom® E3900 series (formerly Apollo Lake)
and Pentium®/Celeron® SOC, supporting full
virtualization (VT-d/VT-x)
●
Supports IEEE 1588 Precision Time Protocol (PTP)
●
Up to 8GB dual channel non-ECC DDR3L at 1867/1600 MHz
●
Two DDI channels, one LVDS (VGA/eDP by build option),
supports up to 3 independent displays
●
Up to Five PCIe x1 Gen2 (by PCIe bridge IC, build option)
●
Two SATA 6 Gb/s, three USB 3.0/2.0, five USB 2.0 and eMMC 5.0
(build option)
●
Extreme Rugged operating temperature: -40°C to +85°C
(build option for E3900 series SKUs)
Specifications
● Core System
CPU
Intel Atom® E3900 series (formerly Apollo Lake)/Pentium®/Celeron® SoC on
14nm process
Atom® E3950 1.6/2.0GHz (Turbo), 12W (4C/1866)
Atom® E3940 1.6/1.8GHz (Turbo), 9W (4C/1866)
Atom® E3930 1.3/1.8GHz (Turbo), 6W (2C/1866)
Pentium® N4200 1.1/2.5GHz (Turbo), 6W (4C/1866)
Celeron® N3350 1.1/2.3GHz (Turbo), 6W (2C/1866)
Note: Pentium®/Celeron® support by project basis
Supports: Intel® VT, Intel® VT-d, Intel® TXT, Intel® SSE4.2, Intel® 64
Architecture, IA 32-bit, Intel® AES-NI, dual or quad Out-of-Order Execution
(OOE) processor cores, PCLMULQDQ Instruction DRNG
Notes: Availability of features may vary between processor SKUs. Pentium®/Celeron® supported by
project basis.
Memory
Dual channel 1867/1600 MHz non-ECC DDR3L memory up to 8GB in dual
SODIMM socket
(maximum by 2pcs 4GB or 1pcs 8GB SO-DIMM)
Embedded BIOS
AMI EFI with CMOS backup in 16MB SPI BIOS (dual BIOS by build option)
Expansion Busses
3 PCI Express x1 Gen2 (AB): Lanes 0/1/2 by default
Note: 5 PCI Express x1 Gen2 (AB): Lanes 0/1/2/3/4 through PCIe bridge IC by request.
LPC bus, SMBus (system) , I2C (user)
SEMA Board Controller
Supports: Voltage/current monitoring, power sequence debug support,
AT/ATX mode control, logistics and forensic information, flat panel control,
general purpose I2C, failsafe BIOS (dual BIOS), watchdog timer and fan
control
Debug Headers
40-pin multipurpose flat cable connector for use with DB-40 debug module
providing BIOS POST code LED, BMC access, SPI BIOS flashing, power
testpoints, debug LEDs
MIPI60 header for ICE debug of CPU/chipset (build option)
● Audio
Chipset
Intel® HD Audio integrated in SoC
Audio Codec
On carrier Express-BASE6 (ALC886 standard support)
● Ethernet
Intel® Ethernet Controller I210 (Extreme Rugged operating temperature range)
Intel® Ethernet Controller I211 (standard operating temperature range)
Supports IEEE 1588 and GbE0_SDP (I210 only)
● Video
GPU Feature Support
Intel® Gen9 LP Graphics Core, supporting 3 independent and simultaneous
display combinations of DisplayPort/HDMI/LVDS or eDP/VGA outputs
Hardware encode/transcode (including HEVC)
DirectX 12, DirectX 11.3, DirectX 10, DirectX 9.3 support
OpenGL 4.3 and ES 3.0 support
OpenCL 2.0 support
Digital Display Interface
DDI1/2 supporting DisplayPort/HDMI/DVI
VGA
Build option support through DP-to-VGA IC (in place of DDI2)
LVDS
Single/dual channel 18/24-bit LVDS from eDP-to-LVDS IC
eDP
4 lanes support (build option, in place of LVDS)
Note: “build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that these “build option” part numbers will need to be newly created and this will result in production lead times.


Similar Part No. - CEXPRESS-AL

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CEXPRESS-BL ADLINK-CEXPRESS-BL Datasheet
291Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-BL-I3-5010U ADLINK-CEXPRESS-BL-I3-5010U Datasheet
291Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-BL-I5-5350U ADLINK-CEXPRESS-BL-I5-5350U Datasheet
291Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-BL-I7-5650U ADLINK-CEXPRESS-BL-I7-5650U Datasheet
291Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-BT ADLINK-CEXPRESS-BT Datasheet
292Kb / 4P
COM Express Compact Size Type 6 Module
More results

Similar Description - CEXPRESS-AL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6867 ADVANTECH-SOM-6867 Datasheet
927Kb / 2P
COM Express Type 6 Compact Module
SOM-6867 ADVANTECH-SOM-6867_17 Datasheet
968Kb / 2P
COM Express Type 6 Compact Module
logo
Adlink Technology Inc.
CEXPRESS-BL ADLINK-CEXPRESS-BL Datasheet
291Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-BT ADLINK-CEXPRESS-BT Datasheet
292Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-BT2 ADLINK-CEXPRESS-BT2 Datasheet
584Kb / 4P
COM Express Compact Size Type 2 Module
CEXPRESS-BW ADLINK-CEXPRESS-BW Datasheet
312Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-HL ADLINK-CEXPRESS-HL Datasheet
306Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-KL ADLINK-CEXPRESS-KL Datasheet
320Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-SL ADLINK-CEXPRESS-SL Datasheet
293Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-WL ADLINK-CEXPRESS-WL Datasheet
447Kb / 4P
COM Express Compact Size Type 6 Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com