Electronic Components Datasheet Search
  English  ▼

X  

L89 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # L89
Description  Compact IRNSS-enabled GNSS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L89 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  L89 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L89 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact IRNSS-enabled
GNSS Module
Quectel L89
GNSS Features
Receiving Bands
:
GPS L1/Galileo E1 C/A: 1575.42 MHz
IRNSS L5 C/A: 1176.45 MHz
GLONASS L1 C/A: 1602.5625 MHz
BD2 B1 C/A: 1561.098 MHz
SBAS:
WAAS, EGNOS, MSAS, GAGAN
Horizontal Position Accuracy:
Autonomous: < 1.8 m CEP
Velocity Accuracy:
Without Aid: < 0.1 m/s
Acceleration Accuracy:
Without Aid: < 0.1 m/s²
Timing Accuracy:
1PPS: 3.9 ns
Reacquisition Time: < 1.5 s
TTFF @-130dBm with AGPS:
Cold Start: < 13 s
Warm Start: < 5 s
Hot Start: < 2 s
TTFF @-130dBm without AGPS:
Cold Start: < 32 s
Warm Start: < 25 s
Hot Start: < 2 s
Sensitivity:
Acquisition: -147 dBm
Tracking: -163 dBm
Reacquisition: -156 dBm
Dynamic Performance:
Maximum Altitude: Max. 18000 m
Maximum Velocity: Max. 515 m/s
Maximum Acceleration: 4G
Interfaces
I2C Interface:
Max. bit rate up to 400 kbps
UART Interface:
Adjustable: 4800 bps to 921600 bps
Default: 9600 bps
Update Rate: 1 Hz (Default), up to 10 Hz*
I/O Port Power Domain:
3.0 V
External Antenna Interface:
Antenna Type: Active
Antenna Power Supply: External
Power Management
Power Supply:
3.1 V to 4.3 V, Typical 3.3 V
Power Consumption (GPS+Galileo+IRNSS):
Acquisition: 99 mA @3.3 V
Tracking: 95 mA @3.3 V
Backup: 7 μA @3.3 V
General Features
Temperature Range: -40°C to +85°C
Dimensions: 26.4 mm × 18.4 mm × 6.8 mm
Weight: Approx. 8.2 g
Protocols: NMEA 0183
Default Configuration: GPS+Galileo+IRNSS
* Under Development
Copyright © 2019 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com