Electronic Components Datasheet Search
  English  ▼

X  

L96 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # L96
Description  Extremely Compact GNSS Module with Chip Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L96 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  L96 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L96 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Extremely Compact
GNSS Module with Chip Antenna
Quectel L96
GNSS Features
Receiving Bands
Note 1:
GPS/Galileo L1 C/A: 1575.42MHz
GLONASS L1 C/A: 1602.5625MHz
BD2 B1 C/A: 1561.098MHz
Channel Numbers:
33 Tracking Channels
99 Acquisition Channels
210 PRN Channels
SBAS:
WAAS, EGNOS, MSAS, GAGAN
Horizontal Position Accuracy:
Autonomous: <2.5m CEP
Velocity Accuracy:
Without Aid: <0.1m/s
Acceleration Accuracy:
Without Aid: <0.1m/s²
Timing Accuracy: ≤ 10ns
TTFF @-130dBm with EASY™:
Cold Start: <15s
Warm Start: <5s
Hot Start: <1s
TTFF @-130dBm without EASY™:
Cold Start: <35s
Warm Start: <30s
Hot Start: <1s
Sensitivity:
Acquisition: -148dBm
Tracking: -165dBm
Reacquisition: -160dBm
Dynamic Performance:
Maximum Altitude: Max. 18000m
Maximum Velocity: Max. 515m/s
Maximum Acceleration: 4G
Interfaces
I2C Interface:
Max. bit rate up to 400kbps
UART Interface:
Adjustable: 4800bps~115200bps
Default: 9600bps
Update Rate: 1Hz (Default), up to 10Hz
I/O Voltage: 2.7V~2.9V
External Antenna Interface:
Antenna Type: Passive or Active
Antenna Power Supply: External
Electrical Characteristics
Power Supply:
2.8V~4.3V, typical 3.3V
Power Consumption @Acquisition:
22mA @3.3V, -130dBm (GPS)
25mA @3.3V, -130dBm (GPS+GLONASS)
Power Consumption @Tracking:
20mA @3.3V, -130dBm (GPS)
20mA @3.3V, -130dBm (GPS+GLONASS)
Power Saving Modes:
2.8mA @AlwaysLocate™
7uA @Backup Mode
500uA @Standby Mode
4.8mA @Periodic Mode
Note 2
General Features
Temperature Range: -40°C ~ +85°C
Dimension: 14.0mm × 9.6mm × 2.5mm
Weight: approx. 0.6g
Protocols: NMEA 0183/PMTK
Note 1:
GPS+GLONASS is the default GNSS configuration.
Note 2:
Average power consumption under periodic
mode of 3s tracking mode & 12s standby mode
9.6mm
2.5mm
Copyright © 2017 Quectel Wireless Solutions Co., Ltd. All Rights Reserved
http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com