Electronic Components Datasheet Search
  English  ▼

X  

LC79D Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # LC79D
Description  Ultra-Small Dual-Band Multi-Constellation GNSS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

LC79D Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  LC79D Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. LC79D Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Key
Benefits
Rev.: V1.0 | Status: Released
Quectel LC79D
Ultra-Small Dual-Band
Multi-Constellation GNSS Module
Featuring a concurrent multi-constellation GNSS receiver on dual GNSS bands, LC79D can work on L1 and L5 bands for GPS,
Galileo and QZSS satellites, L1 band for GLONASS and BeiDou satellites as well as L5 band for IRNSS satellite.
Compared with the GNSS modules working on L1 band only, LC79D greatly increases the number of satellites involved in
tracking and positioning, thereby significantly reducing the multipath effect caused by tall buildings in urban environments,
reducing signal acquisition time and improving positioning accuracy.
LC79D is AIS-140 compliant, and its on-board LNAs and SAW filters serve to ensure better positioning in weak signal areas
and other harsh environments. The GNSS chipset using 28nm process technology, coupled with the advanced low-power
management solution, enables low-power GNSS sensing and positioning determination and makes the module an ideal
solution for power-sensitive and battery-powered systems.
Due to its excellent performance in improving position drift and enhancing positioning accuracy in rough urban canyons,
LC79D has become a popular selection for real-time tracking systems, sharing economy applications and so on.
Ultra-compact size: 10.1mm × 9.7mm ×2.4mm
Multi-GNSS engine for GPS, GLONASS, IRNSS, BeiDou, Galileo and QZSS
Support dual GNSS bands (L1, L5)
Support AGNSS
Built-in LNA for better sensitivity
Support SPI, UART and I2C interfaces
Support SDK command developed by Quectel
Support UDR (Untethered Dead Reckoning) in host mode
L1+L5
Dual Bands
Low Power
Consumption
Multi-constellation
System
Wide Operation
Temperature:
-40°C to +85°C
Ultra-compact
Size
RoHS Compliant
9.7mm
2.4mm


Similar Part No. - LC79D

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LC79D

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW2926 TALLYSMAN-TW2926 Datasheet
280Kb / 2P
TW2926 Embedded Multi-Constellation L-Band Antenna
logo
Quectel Wireless Soluti...
L26-DR QUECTEL-L26-DR Datasheet
362Kb / 2P
Compact Multi-Constellation GNSS Module with DR Function
MC60 QUECTEL-MC60 Datasheet
673Kb / 3P
Ultra-small LCC Quad-band GSM/GPRS/GNSS Module
logo
STMicroelectronics
STA8100GA STMICROELECTRONICS-STA8100GA Datasheet
1,001Kb / 42P
Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
STA8135GA STMICROELECTRONICS-STA8135GA Datasheet
484Kb / 29P
Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
October 2021 Rev 1
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC51818GMGGB YIC-YIC51818GMGGB Datasheet
506Kb / 16P
Multi-Constellation GNSS Antenna Module
YIC-GR-504GGB YIC-YIC-GR-504GGB Datasheet
975Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
YIC-GT-504GGB YIC-YIC-GT-504GGB Datasheet
1Mb / 17P
Multi-Constellation GNSS Receiver (G-Mouse)
YIC-GU-504GGB YIC-YIC-GU-504GGB Datasheet
925Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com