Electronic Components Datasheet Search
  English  ▼

X  

M65 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # M65
Description  Ultra-small Quad-band GSM/GPRS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

M65 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  M65 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. M65 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel M65
Ultra-small Quad-band
GSM/GPRS Module
Build a Smarter World
Quectel M65 is an ultra-small quad-band GSM/GPRS module using LCC castellation packaging on the market. With ultra-
compact 17.7mm × 15.8mm × 2.4mm profile, it can meet the needs of small-size terminal products to the greatest extent,
effectively helping customers to reduce product size and cost. Additionally, M65 is pin-to-pin compatible with Quectel GSM/
GPRS M66 and M66 R2.0 modules, with highly competitive price.
M65
adopts surface mount technology, making it an ideal solution for durable and rugged designs. The low profile and
small size of LCC package ensures M65 can be easily embedded into size-constrained applications, and provides
reliable connectivity with applications. This kind of package is ideally suited for large-scale manufacturing which has
strict requirements for cost and efficiency.
The compact form factor, low power consumption and extended temperature
extend the applicability of M65 to a wide
range of M2M applications such as wearable devices, industrial PDA, personal tracking, wireless POS, smart metering,
telematics, etc.
Key Benefits
Ultra-small quad-band GSM/GPRS module
Easier soldering process with LCC package
Power consumption as low as 1.2mA
Support voice, QuecFOTA® and QuecLocator* functions
Embedded powerful Internet service protocols, multiple sockets & IP
addresses
Fast time-to-market: simple product design, evaluation tools and timely
technical support minimize design-in time and development efforts
Quad-band
GPRS Multi-slot
Class 12
Highly Compact
Size
Embedded Internet
Services Protocols
Quectel Enhanced
AT Commands
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
LCC Package
Audio Function
Extended Temperature
Range: -40°C ~ +85°C
Rev.: V1.3 | Status: Released


Similar Part No. - M65

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
M65-100-53 PREMO-M65-100-53 Datasheet
492Kb / 5P
High Energy Storage Chokes for Inverter Applications
M65-100-70 PREMO-M65-100-70 Datasheet
492Kb / 5P
High Energy Storage Chokes for Inverter Applications
M65-110-40 PREMO-M65-110-40 Datasheet
492Kb / 5P
High Energy Storage Chokes for Inverter Applications
M65-155-30 PREMO-M65-155-30 Datasheet
492Kb / 5P
High Energy Storage Chokes for Inverter Applications
M65-200-40 PREMO-M65-200-40 Datasheet
492Kb / 5P
High Energy Storage Chokes for Inverter Applications
More results

Similar Description - M65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
iPAC??PA Module for Quad-Band GSM / GPRS
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
logo
Quectel Wireless Soluti...
M66 QUECTEL-M66 Datasheet
1Mb / 2P
Ultra-small Quad-band GSM/GPRS Module
M66-DS QUECTEL-M66-DS Datasheet
1Mb / 2P
Ultra-small Dual SIM Dual Standby Quad-band GSM/GPRS Module
M66-R2.0 QUECTEL-M66-R2.0 Datasheet
836Kb / 2P
Ultra-compact Quad-band GSM/GPRS Module
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
MC60 QUECTEL-MC60 Datasheet
673Kb / 3P
Ultra-small LCC Quad-band GSM/GPRS/GNSS Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com