Electronic Components Datasheet Search
  English  ▼

X  

KU968 Datasheet(PDF) 2 Page - DFI Inc

Part # KU968
Description  7th Gen Intel Core Processor COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KU968 Datasheet(HTML) 2 Page - DFI Inc

  KU968 Datasheet HTML 1Page - DFI Inc KU968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © February 25, 2020 DFI Inc.
KU968
SYSTEM
Processor
7th Generation Intel® CoreTM Processors, BGA 1356
Intel® CoreTM i7-7600U Processor, Dual Core, 4M Cache, 2.8GHz (3.9GHz), 15W
Intel® CoreTM i5-7300U Processor, Dual Core, 3M Cache, 2.6GHz (3.5GHz), 15W
Intel® CoreTM i3-7100U Processor, Dual Core, 3M Cache, 2.4GHz, 15W
Intel® Celeron® Processor 3965, Dual Core, 2M Cache, 2.2GHz, 15W
Memory
4GB/8GB/16GB DDR4 Memory Down
Dual Channel DDR4 2133MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA/DDI (DDI available upon request)
1 x LVDS/eDP (eDP available upon request)
1 x DDI
VGA: resolution up to 1920x1200 @ 60Hz
LVDS: dual channel 24-bit, resolution up to 1920x1200 @ 60Hz
eDP: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
DP++: resolution up to 4096x2304 @ 60Hz
Triple Displays
VGA + LVDS + DDI
DDI + eDP + DDI
EXPANSION
Interface
5 PCIe x1 or 4 PCIe x1 + 1 PCIe x4 or 3 PCIe x1 + 2 PCIe x2 (support up to 5 devices and 8 lanes)
1 x LPC
1 x I2C
1 x SMBus
2 x UART (TX/RX)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I219LM with iAMT11.0 PCIe (10/100/1000Mbps)
I/O
USB
4 x USB 3.0
8 x USB 2.0
SATA
3 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Available Upon Request
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Consumption
Typical: 3965U: 12V @ 0.2134A (2.5608W)
Max.: 3965U: 12V @ 1.3592A (16.3104W)
OS SUPPORT
Windows: Windows 10 IoT Enterprise 64-bit LINUX: Yocto Project v2.2
ENVIRONMENT
Temperature
Operating: 0 to 60°C
-40 to 85°C (with cooler)
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
866,065 hrs @ 25°C; 422,194 hrs @ 45°C; 238,613 hrs @ 60°C
Calculation Model: Telcordia Issue 2
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
COM Express® Compact
95mm (3.74") x 95mm (3.74")
Compliance
PICMG COM Express® R2.1, Type 6
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC, RoHS
• 1 KU968 board
• 1 Cooler/Heat sink (Height: 23.8mm)
or 1 Cooler/Heat sink (Height: 24.3mm)
Standard: A71-011060-000G
Wide-Temp: A71-111027-000G
• COM332-B carrier board kit
770-CM3321-000G
• Heat spreader (Height: 11mm)
A71-011070-000G
Ordering Information
Model Name
P/N
Processor Memory
VGA/DVI LVDS/eDP GbE
USB 3.0
USB 2.0
Power
Temp.
KU968-T8-7600U 770-KU9681-100G
i7-7600U
8G
VGA
LVDS
1
4
8
ATX/AT
-40 to 85oC
KU968-T1-7600U 770-KU9681-200G
i7-7600U
16G
VGA
LVDS
1
4
8
ATX/AT
-40 to 85oC
KU968-B8-7300U 770-KU9681-300G
i5-7300U
8G
VGA
LVDS
1
4
8
ATX/AT
0 to 60oC
KU968-B4-7100U 770-KU9681-400G
i3-7100U
4G
VGA
LVDS
1
4
8
ATX/AT
0 to 60oC
KU968-B4-3965U 770-KU9681-500G
3965U
4G
VGA
LVDS
1
4
8
ATX/AT
0 to 60oC
KU968-B4-7300U 770-KU9681-600G
i5-7300U
4G
VGA
LVDS
1
4
8
ATX/AT
0 to 60oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com