Electronic Components Datasheet Search
  English  ▼

X  

M95 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # M95
Description  Quad-band GSM/GPRS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

M95 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  M95 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. M95 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quad-band
GSM/GPRS Module
Frequency Band
Quad-band:
850/ 900/ 1800/ 1900MHz
Data
GPRS Class 12:
Max. 85.6kbps (Uplink & Downlink)
PBCCH
Coding Schemes:
CS 1, 2, 3. 4
USSD
Non-transparent Mode
SMS
Point-to-point MO and MT
SMS Cell Broadcast
Text and PDU Mode
Voice
Speech Codec Modes:
Half Rate (HR)
Full Rate (FR)
Enhanced Full Rate (EFR)
Adaptive Multi-Rate (AMR)
Echo Arithmetic:
Echo Cancellation
Echo Suppression
Noise Reduction
Interfaces
(U)SIM Card Interface:
× 2, (U)SIM 3.0V/ 1.8V
UART:
× 2
Analog Audio Channel:
× 2 (Embedded Class-AB Amplifier in One
Channel)
PCM
RTC Backup
Antenna Pad
Enhanced Features
eCall
Jamming Detection
DTMF
Audio Play/ Audio Record
Dual SIM Single Standby
QuecFOTA
TM
QuecCell
QuecLocator
RIL for Android
MUX
Electrical & Sensitivity
Output Power:
Class 4 (2W @850/ 900MHz)
Class 1 (1W @1800/ 1900MHz)
Consumption:
1.3mA @DRX=5
1.2mA @DRX=9
Sensitivity:
GSM850: -109dBm
GSM900: -109dBm
DCS1800: -109dBm
PCS1900: -109dBm
Supply Voltage:
3.3V~4.6V, 4.0V Typ.
Software Features
Protocols: PPP/ TCP/ UDP/ FTP/ HTTP/ SMTP/
SSL/ MUX
General Features
GPRS Multi-slot Class: 12, 1~12 Configurable
GPRS Mobile Station: Class B
Extended Temperature: -40°C ~ +85°C
Dimensions: 19.9mm × 23.6mm × 2.65mm
LCC Package
Weight: Approx. 3.0g
GSM 07.07, 07.05 and other Enhanced AT
Commands
Approvals
RoHS Compliant
CE/ GCF/ Vodafone/ UCRF/ ATEX/ Vodafone
(Europe)
DoC (Russia)
FCC/ PTCRB/ IC/ Rogers (North America)
Anatel (Brazil))
NCC (Taiwan)
ICASA (South Africa)
Copyright © 2017 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Office 501, Building 13, No.99, Tianzhou Road, Shanghai, China 200233
Tel: +86 21 51086236
Fax: +86 21 54453668
Email: info@quectel.com
Quectel M95
19.9 mm
2.65 mm
Quectel
Confidential



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com