Electronic Components Datasheet Search
  English  ▼

X  

SC600Y Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC600Y
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC600Y Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  SC600Y Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC600Y Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel SC600Y
Multi-mode Smart LTE Module
with Wi-Fi & Bluetooth
Build a Smarter World
SC600Y is Quectel’s new generation of multi-mode Smart LTE Cat 6 module with built-in Android 9.0 OS. Based on Qualcomm
octa-core and 64-bit high-performance processors with built-in Adreno
TM 506 GPU, SC600Y is designed to support leading
performance, various multimedia features and Quick Charge 3.0 technology. It is ideal for both industrial and
consumer applications with high data-rate and multimedia functions. SC600Y is available in four variants: SC600Y-NA*,
SC600Y-EM*, SC600Y-JP* and Wi-Fi & BT only version SC600Y-WF*.
SC600Y supports multiple-input multiple-output (MIMO) technology. The use of multiple antennas at the receiver end at the
same time and on the same frequency band greatly minimizes errors and optimizes the data speed. This module also
combines high-speed wireless connectivity with embedded multi-constellation and high-sensitivity GNSS (GPS, GLONASS and
BeiDou) receiver for positioning.
A rich set of interfaces (such as LCM, Camera, Touch Panel, MIC, SPK, UART, USB, I2C, SPI) extend the applicability of the
module to a wide range of M2M applications, including smart POS, smart cash registers, smart home gateways, smart robots,
smart wearables, security surveillance, PDA & tablets, vending machines, delivery lockers, police and law enforcement
equipment, in-car video streaming and entertainment systems, etc.
Key
Benefits
LTE Cat 6 modem supporting 2x20MHz carrier aggregation, with
maximum download speed up to 300Mbps
Worldwide LTE, UMTS/HSPA+ and GSM/GPRS/EDGE coverage
Dual LCDs and dual touch panels for independent display and
operation: 1920x1200 @60fps for primary display and
1920x1080 @60fps for secondary display
Support a maximum of four cameras, with two of them working
simultaneously
Multi-constellation GNSS receiver available for applications
requiring fast and accurate fixes in any environment
Support recording and playback of 1080P videos at 60fps
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
ARM Cortex-A53
64-bit Processor
(Octa-core)
IEEE 802.11
a/b/g/n/ac
BT4.2 (BR/EDR+BLE)
GPS+GLONASS+
BeiDou
Android 9.0
LCC+LGA
Package
Smart LTE Cat 6
Max 300Mbps (DL)
Max 50Mbps (UL)
Qualcomm®
Adreno
TM 506 GPU
Rev.: V1.0 | Status: Released
Powerful Multimedia
Function


Similar Part No. - SC600Y

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC600 SEMTECH-SC600 Datasheet
473Kb / 19P
mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC600Y

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC20 QUECTEL-SC20_V01 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com