Electronic Components Datasheet Search
  English  ▼

X  

SC66 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC66
Description  Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC66 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  SC66 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC66 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat 6
SC66-CE
SC66-E
SC66-A
SC66-J
SC66-MW
Region/Operator
China
Europe/India/South Korea/
South Asia/Latin America/
Australia/South Africa
North America
Japan
Global
CPU
Kryo 260 Gold (2.2 GHz)
Kryo 260 Silver (1.843 GHz)
Kryo 260 Gold (2.2 GHz)
Kryo 260 Silver (1.843 GHz)
Kryo 260 Gold (2.2 GHz)
Kryo 260 Silver (1.843 GHz)
Kryo 260 Gold (2.2 GHz)
Kryo 260 Silver (1.843 GHz)
Kryo 260 Gold (2.2 GHz)
Kryo 260 Silver (1.843 GHz)
Memory
32 GB eMMC + 3 GB LPDDR4X
64 GB eMMC + 4 GB LPDDR4X
32 GB eMMC + 3GB LPDDR4X
64 GB eMMC + 4GB LPDDR4X
32 GB eMMC + 3 GB LPDDR4X
64 GB eMMC + 4 GB LPDDR4X
32 GB eMMC + 3 GB LPDDR4X
64 GB eMMC + 4 GB LPDDR4X
32 GB eMMC + 3 GB LPDDR4X
64 GB eMMC + 4 GB LPDDR4X
OS
Android 9.0/10.0
Android 9.0/10.0
Android 9.0/10.0
Android 9.0/10.0
Android 9.0/10.0
Dimensions (mm)
43.0 × 44.0 × 2.85
43.0 × 44.0 × 2.85
43.0 × 44.0 × 2.85
43.0 × 44.0 × 2.85
43.0 × 44.0 × 2.85
Temperature Range
Operating Temperature
-35 to +75 °C
-35 to +75 °C
-35 to +75 °C
-35 to +75 °C
-35 to +75 °C
Frequency Bands
LTE-FDD
B1/B3/B5/B8
B1/B2/B3/B4/B5/B7/B8/B20/
B28(A+B)
B2/B4/B5/B7/B12/B13/B14/
B17/B25/B26/B66/B71
B1/B3/B5/B8/B11/B18/B19/B21/
B26/B28(A+B)
/
LTE-TDD
B34/B38/B39/B40/B41
②
B38/B39/B40/B41
①
B41
①
B41
②
/
WCDMA
B1/B8
B1/B2/B4/B5/B8
B2/B4/B5
B1/B6/B8/B19
/
TD-SCDMA
B34/B39
/
/
/
/
EVDO/CDMA
BC0
/
/
/
/
GSM/EDGE
B3/B8
B2/B3/B5/B8
/
/
/
WLAN
2.4/5 GHz
802.11a/b/g/n/ac
2.4/5 GHz
802.11a/b/g/n/ac
2.4/5 GHz
802.11a/b/g/n/ac
2.4/5 GHz
802.11a/b/g/n/ac
2.4/5 GHz
802.11a/b/g/n/ac
Bluetooth
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE/
BT 5.0
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE/
BT 5.0
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE/
BT 5.0
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE/
BT 5.0
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE/
BT 5.0
GNSS
GPS/GLONASS/BeiDou/
QZSS/SBAS
GPS/GLONASS/BeiDou/
QZSS/SBAS
GPS/GLONASS/BeiDou/
QZSS/SBAS
GPS/GLONASS/BeiDou/
QZSS/SBAS
/
Certifications
Carrier
/
Australia: Telstra
③
North America: Verizon*/AT&T*
Japan: NTT DOCOMO
③
/
Regulatory
China: SRRC/NAL/CCC
Global: GCF
Europe: CE
Taiwan, China: NCC
Australia/New Zealand: RCM
Brazil: Anatel
③
South Korea: KC
③
Global: GCF
North America: PTCRB
America: FCC
Canada: IC
Japan: JATE/TELEC
Europe: CE
America: FCC
Canada: IC
Australia/New Zealand: RCM
Others
RoHS/REACH
RoHS/REACH
RoHS/REACH
RoHS/REACH
RoHS/REACH
Data Transmission
LTE-FDD Data Rate (Mbps)
300 (DL)/50 (UL)
300 (DL)/50 (UL)
300 (DL)/50 (UL)
300 (DL)/50 (UL)
/
LTE-TDD Data Rate (Mbps)
265 (DL)/30 (UL)
265 (DL)/30 (UL)
265 (DL)/30 (UL)
265 (DL)/30 (UL)
/
DC-HSPA Data Rate (Mbps)
42 (DL)/11.2 (UL)
42 (DL)/11.2 (UL)
42 (DL)/11.2 (UL)
42 (DL)/11.2 (UL)
/
WCDMA Data Rate (kbps)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
/
TD-SCDMA Data Rate (Mbps)
4.2 (DL)/2.2 (UL)
/
/
/
/
EVDO Data Rate (Mbps)
3.1 (DL)/1.8 (UL)
/
/
/
/
EDGE Data Rate (kbps)
296 (DL)/236.8 (UL)
296 (DL)/236.8 (UL)
/
/
/
GPRS Data Rate (kbps)
107 (DL)/85.6 (UL)
107 (DL)/85.6 (UL)
/
/
/
Enhanced Features
3GPP E-UTRA
Release 12
Release 12
Release 12
Release 12
/
Bandwidth (MHz)
1.4/3/5/10/15/20
1.4/3/5/10/15/20
1.4/3/5/10/15/20
1.4/3/5/10/15/20
/
Rx-diversity
●
●
●
●
/
DL MIMO 2 × 2
●
●
●
●
/
(U)SIM Detection
●
●
●
●
/
Dual SIM Dual Standby
●
●
●
●
/
Firmware Upgrade via USB
●
●
●
●
●
OTA
●
●
●
●
●
General Features
Supply Voltage Range
3.55–4.4 V, Typ. 4.0 V
Power Consumption
80 μA @ power off; Typ. 5.5 mA @ sleep mode
Package
LCC + LGA
Weight (g)
Approx. 12
Interfaces
LCM
2560 × 1600 @ 60 fps primary display + 4K @ 30 fps over DP; Dual MIPI_DSI
Camera
3 groups of 4-lane MIPI_CSI, up to 2.1 Gbps/lane; Supports 3 or 4 cameras; Up to 24 MP with Dual ISPs
Touch Panel
Capacitive touch panel
Audio
Speaker, earpiece, headphone and 3 microphones (including one Noise-canceling Microphone) for analog audio
USB
Supports 2 groups of USB interfaces:
●
One supports USB 3.1 Type-C interface, which is compatible with USB 2.0;
●
The other supports USB 2.0, which can only work in host mode.
(U)SIM
× 2, Supports 1.8/2.95 V (U)SIM cards, with (U)SIM card detection function, DSDS supported
UART
× 4, Each of the four UARTs supports up to 4 Mbps; One of the four UARTs supports hardware flow control
SD Card
× 1, SD 3.0, 4-bit SDIO
ADC
× 2, General-purpose ADC interface
I2C
× 5
I2S
× 2
SPI
× 1,
PWRKEY
× 1, 1.8 V, Pulled up internally
GPIO
× 22
Antenna
× 6, Main/Rx-diversity/GNSS/Wi-Fi&BT/FM*/WIFI_MIMO antenna respectively (SC66-CE: WIFI_MIMO is not supported; SC66-MW: × 2, Wi-Fi&BT/WIFI_MIMO antennas)
Quectel SC66 Series
Copyright © 2020 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
Notes:
1.
① B41 of SC66-E and SC66-A only supports 200 MHz bandwidth.
2.
② B41 of SC66-CE and SC66-J only supports 120 MHz bandwidth.
3.
③ means TBD.
4. * means under development.
5. ● means supported.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com