Electronic Components Datasheet Search
  English  ▼

X  

SC20 Datasheet(PDF) 3 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC20
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC20 Datasheet(HTML) 3 Page - Quectel Wireless Solutions Co., Ltd.

  SC20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. SC20 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General features
Supply Voltage Range
3.5–4.2 V, Typ. 3.8 V
Power Consumption
20 μA @ power off
Typ. 3 mA @ sleep
Weight
Approx. 9.8 g
Package
LCC + LGA
Interfaces
LCM
4-lane MIPI_DSI, up to 1.5 Gbps/lane, HD (720P) @ 60 fps
Camera
Uses MIPI_CSI, up to 1.5 Gbps/lane, supports two cameras:
●
2-lane MIPI_CSI for rear camera, up to 8 MP
●
1-lane MIPI_CSI for front camera, up to 2 MP
Touch Panel
Capacitive touch panel
UART
× 2, UART1 supports hardware flow control, up to 4 Mbps
USB 2.0
• Supports high speed mode, up to 480 Mbps
• Supports USB 2.0 OTG, USB OTG + charge and USB to Ethernet functions
(U)SIM
× 2, supports 1.8/3 V (U)SIM cards, (U)SIM card detection function and DSDS
Audio
Analog channels:
• Two inputs: MIC1, MIC2
• Three outputs: speaker, earpiece, headphone
Video
• Encoding: 720P (H.264) @ 30 fps; WVGA (MPEG-4/VP8) @ 30 fps
• Decoding: 1080P (H.264/MPEG-4/VP8/H.265/DivX4/5/6) @ 30 fps; WVGA (H.263) @ 30 fps
GPIO
× 25
SD Card
× 1, SD 3.0, 4-bit SDIO
I2C
× 3
General-purpose ADC
× 1
SPI
× 1, multiplexed from GPIO
PWM
× 1
Motor Drive
× 1
Keypad
PWRKEY, KEY_VOL_UP, KEY_VOL_DOWN
Antenna
× 4, main antenna, Rx-diversity antenna, GNSS antenna and Wi-Fi/BT antenna interface respectively
Quectel SC20 Series
Copyright © 2020 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com