Electronic Components Datasheet Search
  English  ▼

X  

SC20-AL Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC20-AL
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC20-AL Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  SC20-AL Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC20-AL Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. SC20-AL Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LTE Cat 4
SC20-E/-EL
SC20-A/-AL
SC20-AU/-AUL
SC20-J/-JL
SC20-W/-WL
Region/Operator
EMEA/Korea/Thailand/India
North America
Australia/Taiwan/Brazil
Japan
Global
OS
SC20-E: Android
SC20-EL: Yocto Linux
SC20-A: Android
SC20-AL: Yocto Linux
SC20-AU: Android
SC20-AUL: Yocto Linux
SC20-J: Android
SC20-JL: Yocto Linux
SC20-W: Android
SC20-WL: Yocto Linux
eMCP (LPDDR3 + eMMC)
SC20-E: 1 GB + 8 GB
2 GB + 16 GB
SC20-EL: 1 GB + 8 GB
SC20-A: 1 GB + 8 GB
2 GB + 16 GB
SC20-AL: 1 GB + 8 GB
SC20-AU: 1 GB + 8 GB
2 GB + 16 GB
SC20-AUL: 1 GB + 8 GB
SC20-J: 1 GB + 8 GB
2 GB + 16 GB
SC20-JL: 1 GB + 8 GB
SC20-W: 1 GB + 8 GB
2 GB + 16 GB
SC20-WL: 1 GB + 8 GB
Dimensions (mm)
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
Temperature Range
Operating Temperature
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
Frequency Bands
LTE-FDD
B1/B3/B5/B7/B8/B20
B2/B4/B5/B7/B12/B13/B25/B26
B1/B3/B5/B7/B8/B28
B1/B3/B8/B18/B19/B26
/
LTE-TDD
B38/B40/B41
①
/
B40
B41
/
WCDMA
B1/B5/B8
B1/B2/B4/B5/B8
B1/B2/B5/B8
B1/B6/B8/B19
/
GSM/EDGE
850/900/1800/1900 MHz
850/1900 MHz
850/900/1800/1900 MHz
/
/
BT
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
Wi-Fi
2.4/5 GHz, 802.11a/b/g/n
2.4/5 GHz, 802.11a/b/g/n
2.4/5 GHz, 802.11a/b/g/n
2.4/5 GHz, 802.11a/b/g/n
2.4/5 GHz, 802.11a/b/g/n
Bandwidth
1.4/3/5/10/15/20 MHz
1.4/3/5/10/15/20 MHz
1.4/3/5/10/15/20 MHz
1.4/3/5/10/15/20 MHz
/
GNSS
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
/
Certifications
②
Carrier
/
America:
Verizon/AT&T/T-Mobile
③/Sprint④
Canada: Rogers/Telus
③
Australia: Telstra
Japan:
NTT DOCOMO/KDDI/SoftBank*
/
Regulatory
Global: GCF
Europe: CE
South Korea: KC
Thailand: NBTC
Global: GCF
North America: PTCRB
America: FCC
Canada: IC
Global: GCF
Europe: CE
Brazil: Anatel
Taiwan/China: NCC
Australia/New Zealand: RCM
Japan: JATE/TELEC
Europe: CE
America: FCC
Canada: IC
Brazil: Anatel
Japan: JATE/TELEC
Australia/New Zealand: RCM
Others
RoHS/REACH
RoHS/REACH
RoHS/REACH
RoHS/REACH
RoHS/REACH
Data Transmission
LTE-FDD Data Rate (Mbps)
150 (DL)/50 (UL)
150 (DL)/50 (UL)
150 (DL)/50 (UL)
150 (DL)/50 (UL)
/
LTE-TDD Data Rate (Mbps)
130 (DL)/30 (UL)
/
130 (DL)/30 (UL)
130 (DL)/30 (UL)
/
DC-HSPA+ Data Rate (Mbps)
42 (DL)/5.76 (UL)
42 (DL)/5.76 (UL)
42 (DL)/5.76(UL)
42 (DL)/5.76 (UL)
/
WCDMA Data Rate (kbps)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
/
EDGE Data Rate (kbps)
296 (DL)/236.8 (UL)
296 (DL)/236.8 (UL)
296 (DL)/236.8 (UL)
/
/
GPRS Data Rate (kbps)
107 (DL)/85.6 (UL)
107 (DL)/85.6 (UL)
107 (DL)/85.6 (UL)
/
/
Enhanced Features
3GPP E-UTRA
Release 10
Release 10
Release 10
Release 10
/
Rx-diversity
●
●
●
●
/
DL MIMO 2 × 2
●
●
●
●
/
(U)SIM Card Detection
●
●
●
●
/
Firmware Upgrade via USB
●
●
●
●
●
Quectel SC20 Series
Notes:
1. ① B41 of SC20-E/-EL does not support full band and therefore is not certified by CE.
2. ② The certification status listed here are only for Android-version SC20 series modules.
3. ③ T-Mobile/Telus for data-only version has been done and that for voice version is TBD.
4. ④ means TBD.
5. * means ongoing.
6. ● means supported.
Copyright © 2020 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com