Electronic Components Datasheet Search
  English  ▼

X  

RM641 Datasheet(PDF) 1 Page - DFI Inc

Part # RM641
Description  Rackmount Chassis for ATX/microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641 Datasheet(HTML) 1 Page - DFI Inc

  RM641 Datasheet HTML 1Page - DFI Inc RM641 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
microATX
RM641
Rackmount Chassis for ATX/microATX
Features
Dimensions
Panel
microATX
• 4U rackmount chassis for ATX/microATX motherboard
• Up to 1x 3.5"/2.5" SATA drive bay and 3x optical drive bays
• Front-accessible system fan and USB interfaces
• Supports 7 expansion slots
• Designed for industrial server application
464.60
482.60
429.80
Front View
Right View
Left View
Rear View
Rear View
Front View


Similar Part No. - RM641

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RM641-CS DFI-RM641-CS Datasheet
669Kb / 4P
9th/8th Gen Intel® CoreTM Modular-Designed Embedded System
RM641-CS632 DFI-RM641-CS632 Datasheet
669Kb / 4P
9th/8th Gen Intel® CoreTM Modular-Designed Embedded System
RM641-HD DFI-RM641-HD Datasheet
584Kb / 3P
4th Gen Intel Core Processor Rackmount Box PC
RM641-SD DFI-RM641-SD Datasheet
597Kb / 3P
6th Gen Intel Cor Processor Rackmount Box PC
More results

Similar Description - RM641

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
HPC-7320MB-00XE ADVANTECH-HPC-7320MB-00XE Datasheet
795Kb / 2P
3U Short-depth Rackmount/Wallmount/ Tower Chassis for EATX/ATX/MicroATX Motherboard
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
ACP-2010MB ADVANTECH-ACP-2010MB_13 Datasheet
541Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
HPC-7400 ADVANTECH-HPC-7400_V01 Datasheet
1Mb / 2P
4U Compact Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
27-Jun-2018
HPC-7320 ADVANTECH-HPC-7320 Datasheet
799Kb / 2P
3U Short-depth Rackmount/ Tower Chassis for EATX/ATX/MicroATX Motherboard
20-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com