Electronic Components Datasheet Search
  English  ▼

X  

RM641-SD Datasheet(PDF) 2 Page - DFI Inc

Part # RM641-SD
Description  6th Gen Intel Cor Processor Rackmount Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641-SD Datasheet(HTML) 2 Page - DFI Inc

  RM641-SD Datasheet HTML 1Page - DFI Inc RM641-SD Datasheet HTML 2Page - DFI Inc RM641-SD Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM641-SD
Specifications
SYSTEM
Processor
LGA 1151 Socket
6th Generation Intel® Core™ Processors
Intel® Core™ i7-6700 Processor, Quad Core, 8M Cache, 3.4GHz (4.0GHz), 65W
Intel® Core™ i7-6700TE Processor, Quad Core, 8M Cache, 2.4GHz (3.4GHz), 35W
Intel® Core™ i5-6500 Processor, Quad Core, 6M Cache, 3.2GHz (3.6GHz), 65W
Intel® Core™ i5-6500TE Processor, Quad Core, 6M Cache, 2.3GHz (3.3GHz), 35W
Intel® Core™ i3-6100 Processor, Dual Core, 3M Cache, 3.7GHz, 47W
Intel® Core™ i3-6100TE Processor, Dual Core, 4M Cache, 2.7GHz, 35W
Intel® Pentium® Processor G4400, Dual Core, 3M Cache, 3.3GHz, 47W
Intel® Pentium® Processor G4400TE, Dual Core, 3M Cache, 2.4GHz, 35W
Chipset
Intel® Q170 Chipset
Memory
Four 288-pin DIMM up to 64GB
Dual Channel DDR4 1866/2133MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
1 x DVI-I (DVI-D signal)
1 x HDMI
VGA: resolution up to 1920x1200 @ 60Hz
DVI: resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
Triple Displays
VGA + DVI-I (DVI-D signal) + HDMI
STORAGE
3 x 5.25" Optical Drive Bays (Front Accessible)
1 x 3.5"/2.5" SATA 3.0 Drive Bay (Front Accessible)
EXPANSION
Interface
2 x PCIe x16 (1 x16 or 2 x8 signal) (Gen 3)
2 x PCIe x4 (Gen 3)
3 x PCI
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PCIe with iAMT11.0 (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
USB
2 x USB 2.0 (available upon request)
Front Door
1 x Drive Panel Door With Keylock
Buttons
1 x Power Switch
1 x Reset Switch
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
USB
4 x USB 3.0
2 x USB 2.0
PS/2
1 x PS/2 (mini-DIN-6)
Display
1 x VGA
1 x DVI-I (DVI-D signal)
1 x HDMI
Audio
1 x Line-in (available upon request)
1 x Line-out
1 x Mic-in
Buttons
1 x ATX Switch
COOLING
Fan
2 x 92cm System Fan with Quick Access Filter
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Supply
ATX PS/2 Power Supply 500W
AC Power Input : 90~264V
OS SUPPORT
Windows 7 (/WES7) 32/64-bit
Windows 8.1 (64-bit)
Windows 10 IoT Enterprise 64-bit
Debian 8 (with VESA graphic driver)
CentOS 7 (with VESA graphic driver)
Linux
MECHANISM
Construction
SECC
Mounting
Flexible Hold Down Bar
Dimensions ( W x H x D)
483mm x 177mm x 451mm
Weight
21.7kg
ENVIRONMENT
Operating Temperature
0 to 45°C
Storage Temperature
-20 to 60°C
Relative Humidity
0 to 90% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Vibration
Operating: Random 5~500Hz 1G
Non-operating: Sweep Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Certification
CE, FCC, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com