Electronic Components Datasheet Search
  English  ▼

X  

ST101-CP Datasheet(PDF) 1 Page - DFI Inc

Part # ST101-CP
Description  Embedded System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ST101-CP Datasheet(HTML) 1 Page - DFI Inc

  ST101-CP Datasheet HTML 1Page - DFI Inc ST101-CP Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
ST101-CP
• Low power consumption
• Intel® CoreTM i7/i5/Celeron; Intel QM57 PCH
• Dual display outputs
• Supports DDR3 SODIMM; up to 8GB
• 1 2.5" SATA drive bay; 1 optical drive bay
• 1 VGA, 1 DVI-I, 2 LAN, 8 USB, 2 COM, HD Audio
Features
System Specifications
Processor System
• rPGA 988A socket supports:
- Intel® CoreTM i7-620M (SV)
- Intel® CoreTM i5-520M (SV)
- Intel® Celeron® P4500 (SV)
• Chipset
- Intel® QM57 PCH
Memory
• 2 DDR3 800/1066MHz SODIMM sockets
• Supports up to 8GB memory
• Supports dual channel memory interface
Graphics
• Intel® HD Graphics
• VGA display resolution up to QXGA 2048x1536
• Display outputs: VGA and DVI-I (DVI-D signal
only)
Storage
• 1 2.5" SATA drive bay
• 1 optical drive bay
Ethernet
• Intel 82577LM iAMT6.0 Gigabit Ethernet Phy
• Realtek RTL8111C PCI Express Gigabit Ethernet
controller
Audio
• RealtekALC2622-channelHighDefinitionAudio
COM
• 2 RS232 COM ports
I/O Ports
• Front Panel
- 2 USB
- 1 optical drive bay
- 1 HDD LED
- 1 Power LED
- 1 Power button
• Rear Panel
- 1 PS/2 Mouse
- 1 PS/2 Keyboard
- 2 DB-9 COM
- 1 DB-15 VGA
- 1 DVI-I (DVI-D signal only)
- 2 LAN
- 6 USB
- Mic-in, Line-in, Line-out
- DC-in
Cooling System
• 1 CPU fan
• 2 system fans
Power Requirement
• Power type
- Power adapter
: AC input: 100-240V, 2A, 50-60Hz
: DC output: 19V 6.32A (120W)
• Power input voltage
- +19V DC
Environment
• Temperature
- Operating: 0oC ~ 45oC
- Storage: -20oC ~ 70oC
• Humidity
- Operating: 10% to 85% non-condensing
- Storage: 10% to 95% non-condensing
Construction
• Aluminum + SECC
Mounting
• Wall mounting kit (brackets and screws) - optional
Dimensions
• 219mm x 70.1mm x 223.3mm (W x H x D)
Weight
• 1.8 kg
OS Support
• Windows 7, Windows XP, Windows XP Embedded,
Linux
Other Features
• Watchdog Timer function
• iAMT6.0
Certification
• CE
• FCC Class B
Embedded System


Similar Part No. - ST101-CP

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST10100 SMC-ST10100 Datasheet
166Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST10100 SMCDIODE-ST10100 Datasheet
442Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
ST10100C SMC-ST10100C Datasheet
199Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST10100C SMCDIODE-ST10100C Datasheet
964Kb / 7P
SCHOTTKY RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
ST10100S SMC-ST10100S Datasheet
124Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - ST101-CP

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
Display Embedded System
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
Display Embedded System
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
Mobile Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
Embedded Fanless System
logo
DFI Inc
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
Gaming Embedded System
ES220-CS DFI-ES220-CS Datasheet
1Mb / 6P
Compact Embedded System
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
Fanless Embedded System
EC900-FS6 DFI-EC900-FS6 Datasheet
721Kb / 4P
Fanless Embedded System
EC700-BT6051 DFI-EC700-BT6051 Datasheet
1Mb / 4P
Fanless Embedded System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com