Electronic Components Datasheet Search
  English  ▼

X  

ST102-SD Datasheet(PDF) 2 Page - DFI Inc

Part # ST102-SD
Description  Desktop Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ST102-SD Datasheet(HTML) 2 Page - DFI Inc

  ST102-SD Datasheet HTML 1Page - DFI Inc ST102-SD Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST102-SD
Specifications
SYSTEM
Processor
6th/7th Generation Intel® CoreTM Processors, LGA 1151 Socket
Intel® Core™ i7-7700T, Quad Core, 8M Cache, 2.9GHz (3.8GHz), 35W
Intel® Core™ i5-7500T, Quad Core, 6M Cache, 2.7GHz (3.3GHz), 35W
Intel® Core™ i3-7101T, Dual Core, 3M Cache, 3.4GHz, 35W
Intel® Celeron® Processor G3930TE, Dual Core, 2M Cache, 2.7GHz, 35W
Intel® Core™ i7-6700TE, Quad Core, 8M Cache, 2.4GHz (3.4GHz), 35W
Intel® Core™ i5-6500TE, Quad Core, 6M Cache, 2.3GHz (3.3GHz), 35W
Intel® Core™ i3-6100TE, Dual Core, 4M Cache, 2.7GHz, 35W
Intel® Pentium® G4400TE, Dual Core, 3M Cache, 2.4GHz, 35W
Intel® Celeron® Processor G3900TE, Dual Core, 2M Cache, 2.6GHz, 35W
Chipset
Intel® H110 Chipset
Memory
4GB/8GB Two 260-pin SODIMM
Dual Channel DDR4 1866/2133/2400MHz
BIOS
AMI SPI 64Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
Supports 6 Graphics Execution Units (EUs)
Intel® Clear Video Technology
DirectX Video Acceleration (DXVA) support for accelerating video processing
Display
1 x DVI-I (DVI-D signal)
1 x HDMI/DP (DP available upon request)
DVI-I: resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 2560x1600 @ 60Hz or 4096x2160 @
60Hz
DP: resolution up to 4096x2304 @ 60Hz
Dual Displays
DVI-I (DVI-D signal) + HDMI/DP
STORAGE
1 x 2.5" SATA 3.0 Drive Bay
1 x Slim ODD Bay (optional)
AUDIO
Audio Codec
Realtek ALC888
ETHERNET
Controller
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PCIe with iAMT11.0 (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
USB
2 x USB 2.0
Audio
1 x Line-out
1 x Mic-in
Buttons
1 x Power Button
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.0
Display
1 x DVI-I (DVI-D signal)
1 x HDMI/DP
COOLING
Fan
1 x System Fan
1 x CPU Fan
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
12V
Connector
DC Jack
OS SUPPORT
Windows 10 IoT Enterprise 64-bit
MECHANISM
Construction
Sheet Metal & Aluminum
Mounting
Wall mount
Dimensions ( W x H x D)
219mm x 77.15mm x 229.7mm
Weight
TBD
ENVIRONMENT
Operating Temperature
0 to 40°C
Storage Temperature
-20 to 70°C
Relative Humidity
10 to 85% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Vibration
Operating: Random 5~500Hz 1G
Non-operating: Sweep Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Certification
CE/FCC/VCCI
Optional Items
Optional Items
Part Number
Description
Power Adapter
671-110005-100G
AC input, DC output 12V 100W, Level 6
Slim ODD
632-222010-010G
DVD RW Slim Type SATA,DS-8ACSH, PLDS
Foot Stand
TBD
Alluminum vertical foot stand
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © January 25, 2019 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com