Electronic Components Datasheet Search
  English  ▼

X  

VC230-BT Datasheet(PDF) 2 Page - DFI Inc

Part # VC230-BT
Description  In-Vehicle Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC230-BT Datasheet(HTML) 2 Page - DFI Inc

  VC230-BT Datasheet HTML 1Page - DFI Inc VC230-BT Datasheet HTML 2Page - DFI Inc VC230-BT Datasheet HTML 3Page - DFI Inc VC230-BT Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VC230-BT
Specifications
SYSTEM
Processor
Intel Atom® Processor E3800 Series, BGA 1170
Intel Atom® E3845, Quad Core, 2M Cache, 1.91GHz, 10W
Intel Atom® E3825, Dual Core, 1M Cache, 1.33GHz, 6W
Memory
4GB/2GB ECC Memory Onboard
Single Channel DDR3L 1333MHz (-E45)
Single Channel DDR3L 1066MHz (-E25)
BIOS
AMI SPI 64Mbit
GRAPHICS
Controller
Intel® HD Graphics
Display
1 x VGA
1 x HDMI
HDMI: resolution up to 1920x1080 @ 60Hz
VGA: 24-bit, resolution up to 2560x1600 @ 60Hz
Dual Displays
VGA + HDMI
STORAGE
External/Internal
4GB/8GB/16GB/32GB eMMC Onboard (available upon request)
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe/USB/3G/GPRS/CAN-Bus)
1 x Full-size Mini PCIe (SATA)
1 x Half-size Mini PCIe (PCIe/USB/LPC)
1 x SIM
1 x microSD (available upon request)
ETHERNET
Controller
2 x Intel® I210AT PCIe (10/100/1000Mbps)
LED
Indicators
1 x Status LED
1 x HDD LED
FRONT I/O
Serial
2 x RS-232/422/485 (DB-9) (one supports 8-bit DIO or CAN-Bus)
USB
1 x USB 3.0 (type A)
Display
1 x HDMI
Buttons
1 x Power Button
1 x Reset Button
Wi-Fi Antennas
2 x Wi-Fi Module Antenna Hole
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (DB-9)
USB
4 x USB 2.0 (type A)
Display
1 x VGA
Audio
1 x Line-out (available upon request)
Wi-Fi Antennas
1 x Wi-Fi Module Antenna Hole
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Wide Range 9~36V
In-Vehicle Power Management Includes Ignition On/Off and System On/Off Delay Time Control
Connector
3-pin Terminal Block (VCC/IGN/GND)
OS SUPPORT
Windows 7, WES 7, Windows 8, WES 8, Windows 8.1
Linux (Distribution available upon request)
Note: Windows 10 will be available upon request. Please contact DFI for more information.
MECHANISM
Construction
Aluminum + Metal Aluminum
Mounting
Wall/VESA/DIN Rail Mount (available upon request)
Dimensions (W x H x D) 180mm x 33mm x 121.2mm (W x H x D)
Weight
800g
ENVIRONMENT
Operating Temperature -20 to 60°C
Storage Temperature
-40 to 85°C
STANDARDS AND
CERTIFICATIONS
Shock
Half Sine Wave 15G, 11ms, 3 Shock Per Axis
Vibration
MIL-STD 810G 514.5C-II
Certifications
CE, FCC Class A, RoHS, E-Mark (E13)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com