Electronic Components Datasheet Search
  English  ▼

X  

FLLE2006AS Datasheet(PDF) 5 Page - Kemet Corporation

Part # FLLE2006AS
Description  Single phase EMI Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLE2006AS Datasheet(HTML) 5 Page - Kemet Corporation

  FLLE2006AS Datasheet HTML 1Page - Kemet Corporation FLLE2006AS Datasheet HTML 2Page - Kemet Corporation FLLE2006AS Datasheet HTML 3Page - Kemet Corporation FLLE2006AS Datasheet HTML 4Page - Kemet Corporation FLLE2006AS Datasheet HTML 5Page - Kemet Corporation FLLE2006AS Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KEMET EMC Filters
5
FLLE2 – S
Single phase EMI Filter
May 2020
1A
3A
6A and 10A
13A and 16A
20A, 25A and 32A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com