Electronic Components Datasheet Search
  English  ▼

X  

MPX5700ASX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPX5700ASX
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5700ASX Datasheet(HTML) 3 Page - NXP Semiconductors

  MPX5700ASX Datasheet HTML 1Page - NXP Semiconductors MPX5700ASX Datasheet HTML 2Page - NXP Semiconductors MPX5700ASX Datasheet HTML 3Page - NXP Semiconductors MPX5700ASX Datasheet HTML 4Page - NXP Semiconductors MPX5700ASX Datasheet HTML 5Page - NXP Semiconductors MPX5700ASX Datasheet HTML 6Page - NXP Semiconductors MPX5700ASX Datasheet HTML 7Page - NXP Semiconductors MPX5700ASX Datasheet HTML 8Page - NXP Semiconductors MPX5700ASX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MPX5700
Sensors
Freescale Semiconductor, Inc.
3
Pressure
Maximum Ratings
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Figure 1. Fully Integrated Pressure Sensor Schematic
Table 2. Maximum Ratings(1)
1. Maximum Ratings apply to Case 867 only. Extended exposure at the specified limits may cause permanent damage or degradation to the
device.
Parametrics
Symbol
Value
Unit
Maximum Pressure(2) (P2
 1 Atmosphere)
2. This sensor is designed for applications where P1 is always greater than, or equal to P2. P2 maximum is 500 kPa.
P1max
2800
kPa
Storage Temperature
Tstg
-40 to +125
C
Operating Temperature
TA
-40 to +125
C
Sensing
Element
Thin Film
Temperature
Compensation
and
Gain Stage #1
Gain Stage #2
and
Ground
Reference
Shift Circuitry
VS
Vout
GND
Pins 4, 5, and 6 are no connects
1
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com