Electronic Components Datasheet Search
  English  ▼

X  

03047 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 03047
Description  CAP,FILM, SUPPRESSION, .47uF, 20%, 250VAC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

03047 Datasheet(HTML) 1 Page - Vicor Corporation

  03047 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 03047

ManufacturerPart #DatasheetDescription
logo
Lumberg
0304 LUMBERG-0304 Datasheet
1Mb / 2P
Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
0304 LUMBERG-0304 Datasheet
353Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0304 LUMBERG-0304 Datasheet
124Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0304 LUMBERG-0304 Datasheet
223Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0304 LUMBERG-0304 Datasheet
273Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 03047

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
Interference suppression film capacitors
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
Interference suppression film capacitors
MKP3384X2 ETC2-MKP3384X2 Datasheet
437Kb / 17P
Interference suppression film capacitors
MKP3361 ETC2-MKP3361 Datasheet
396Kb / 17P
Interference suppression film capacitors
logo
E-SWITCH
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
Film Capacitors EMI Suppression Capacitors
logo
Kemet Corporation
PME271Y447MR06 KEMET-PME271Y447MR06 Datasheet
54Kb / 1P
Capacitor, film, 4700 pF, /-20% Tol, -40/100C, Safety: Y2, 250VAC, Lead Spacing=10.2 mm
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
18-Jan-17
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
26-Feb-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com