Electronic Components Datasheet Search
  English  ▼

X  

S9012 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # S9012
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

S9012 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  S9012 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD S9012 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD S9012 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S9012 SOT-23
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
V
e
g
a
tl
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
-40
V
Collector - Emitter Voltage
VCEO
-25
V
V
e
g
a
tl
o
V
e
s
a
B
-
r
e
tt
i
m
E
EBO
-5
V
Collector Current to Continuous
IC
-500
mA
Collector Power Dissipation
PC
300
mW
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to 150
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector - base breakdown voltage
VCBO
Ic= -100u A, I E=0
-40
V
Collector - emitter breakdown voltage
VCEO
IC= -1 mA , IB=0
-25
V
Emitter - base breakdown voltage
VEBO
IE= -100uA, I C=0
-5
V
Collector cut - off current
ICBO
VCB=- 40V, IE
1
.
0
-
0
=
A
Collector cut - off current
ICEO
VCB=-20V, IE
-1
0
=
A
I
t
n
e
rr
u
c
ff
o
-
t
u
c
r
e
tt
i
m
E
EBO
VEB=- 5V, IC
1
.
0
-
0
=
A
h
n
i
a
g
t
n
e
rr
u
c
C
D
FE
VCE=-1V, IC= -50mA
120
400
Collector - emitter saturation voltage
VCE(sat)
IC= -500 mA, IB
V
6
.
0
-
A
m
0
5
-
=
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-
e
s
a
B
BE(sat)
IC= -500 mA, IB
V
2
.
1
-
A
m
0
5
-
=
Collector output capacitance
Cob
VCB=-10V,IE
F
p
5
z
H
M
1
=
f,
0
=
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
VCE=-6V, IC=-20mA,f=30MHz
150
MHz
Features
Excellent hFE liearity
Collector Current :IC=-0.5A
■
Classification of hfe(1)
Type
S9012
S9012-L
S9012-H
S9012-J
Range
200-350
120-200
144-202
300-400
Marking
2T1
PNP Transistors
1
2
3
1.Base
2.Emitter
3.Collector
■
Simplified outline(SOT-23)


Similar Part No. - S9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9012 ETC-S9012 Datasheet
940Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9012 BILIN-S9012 Datasheet
184Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9012 DAYA-S9012 Datasheet
175Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
S9012 HTSEMI-S9012 Datasheet
774Kb / 2P
TRANSISTOR(PNP)
More results

Similar Description - S9012

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com