Electronic Components Datasheet Search
  English  ▼

X  

SD103AX Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SD103AX
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SD103AX Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SD103AX Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SD103AX Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SD103AX Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AX SOD-523
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Low forward voltage drop.
Guard ring construction for transient protection.
Low reverse recovery time.
Low reverse capacitance.
Schottky barrier application.
Parameter
Symbol
Limits
Unit
DC Reverse voltage
VR
40
V
Continuous forward current
IF
350
mA
Repetitive peak forward current @t≤1.0s
IFRM
1
A
Total power dissipation
Ptot
400
mW
Total resistance junction to ambient
RθJA
300
℃/W
Junction temperature
Tj
125
℃
Storage temperature
Tstg
-65-125
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
40
V
IR=100μA
Forward voltage
VF
0.37
0.60
V
IF=20mA
IF=200mA
Reverse current
IR
5.0
μA
VR=30V
Diode capacitance
Cd
50
pF
VR=0V,f=1MHz
Reverse recovery time
trr
10
ns
IF=IR=50mA,RL=100Ω
Schottky Barrier Diode
■
Simplified outline(SOD-523)
1
2
Marking
S4
■
Marking
Top View
1.Cathode
2.Anode
FEATURES
APPLICATIONS
MAXIMUM RATING @ Ta=25°C unless otherwise specified
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified


Similar Part No. - SD103AX

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
Schottky Plastic-Encapsulated Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Shenzhen Jin Yu Semicon...
SD103AX HTSEMI-SD103AX Datasheet
3Mb / 1P
SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
More results

Similar Description - SD103AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com