Electronic Components Datasheet Search
  English  ▼

X  

P6SMBF11 Datasheet(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P6SMBF11
Description  Surface mount transient voltage suppressor power 600 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P6SMBF11 Datasheet(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P6SMBF11 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF11 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF11 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF11 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF11 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMBFJ6.8A(CA) THRU SMBFJ550A(CA) SMBF
4 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Fig.1 Peak Pulse Power Rating Curve
1
0.1
0.1
1.0
10
100
10
100
1000
10000
20
40
60
80
100
0
25
50
75
100
125
150
175
Fig.2 Forward Current Derating Curve
Fig.4 Maximum Non-Repetitive Peak
Forward Surge Current
10
100
1
0
20
40
60
100
80
120
td,PULSE WIDTH ,us
20
40
60
80
100
0
Fig.3 Pulse Waveform
0
1.0
2.0
3.0
4.0
120
T,TIME,ms
t =10usec
f
Peak Value
Ippm
Half Value-Ipp/2
10/1000usec Waveform as Defined bye R.E.A.
Pulse
Width (td) is Defined
as the Point where the Peak.
Current Decayst to 50% of Ipp
TA=25
°C
Number of Cycles at 60Hz
T =T max
J
J
8.3ms Single Half Sinepwave
JEDEC Method
T ,AMBIENT TEMPERATURE,
A
°C
Non-Repetive Pulse.Wavefom
Shown in Figure.3
T =25
A
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com