Electronic Components Datasheet Search
  English  ▼

X  

0151341002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0151341002
Description  PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 10 Circuits, Natural
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0151341002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0151341002 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/11/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0151341002
Status:
Active
Overview:
PicoBlade Connector System
Description:
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm
Length, 10 Circuits, Natural
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Product Literature (PDF)
3D Model (PDF)
General
Product Family
Cable Assemblies
Series
15134
Application
Signal, Wire-to-Board, Wire-to-Wire
Assembly Configuration
Dual Ended Connectors
Connector to Connector
PicoBlade-to-PicoBlade
Overmolded
No
Overview
PicoBlade Connector System
Product Name
PicoBlade
Type
Discrete Wire Assembly
UPC
191128412315
Physical
Cable Length
150.00mm
Circuits (Loaded)
10
Color - Resin
Natural
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
5.330/g
Number of Rows
1
Packaging Type
Bag
Pitch - Mating Interface
1.25mm
Plating min - Mating
0.889µm
Plating min - Termination
0.914µm
Single Ended
No
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.90mm
Wire Size AWG
28
Wire/Cable Type
UL 1061
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
125V
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)4578-DC (25
June 2020)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
15134 Series
Mates With
PicoBlade Header 53261 , 53047 , 53398 ,
53048 <br>PicoBlade Plug Housing 51047
This document was generated on 09/11/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0151341002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151341002 MOLEX1-0151341002_17 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm
0151341002 MOLEX1-0151341002_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm
More results

Similar Description - 0151341002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151340302 MOLEX1-0151340302 Datasheet
42Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row,150.00mm Length, 3 Circuits, Natural
0151340402 MOLEX1-0151340402 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row,150.00mm Length, 4 Circuits, Natural
0151340802 MOLEX1-0151340802 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row,150.00mm Length, 8 Circuits, Natural
0151340502 MOLEX1-0151340502_18 Datasheet
43Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 5 Circuits, Natural
0151340602 MOLEX1-0151340602_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 6 Circuits, Natural
0151340202 MOLEX-0151340202 Datasheet
41Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 2 Circuits, Natural
0151340302 MOLEX-0151340302 Datasheet
42Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 3 Circuits, Natural
0151340402 MOLEX-0151340402 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 4 Circuits, Natural
0151340502 MOLEX-0151340502 Datasheet
44Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 5 Circuits, Natural
0151340602 MOLEX-0151340602 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, 6 Circuits, Natural
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com