Electronic Components Datasheet Search
  English  ▼

X  

05071 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 05071
Description  P/N 05071 COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

05071 Datasheet(HTML) 1 Page - Vicor Corporation

  05071 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ø.78 MAX.
.20
.40
TYP. REF.
TYP. REF.
.35
.70
TYP. REF.
TYP. REF.
.33
MAX.
.03
.06
STRIP & TIN
FROM BODY CORE
4 PLC'S.
.40
.60
LEAD LENGTH
Notes:
1. Core Vicor #00627.
2. Magnet wire: Class 130˚C NEMA MW1000, NEMA MW28-C.
3. UL-CSA-VDE approvable. 2K VDC ISO winding to winding.
4. All assemblies to be free of nicks.
5. Overwinds permissable.
6. Leads conformable to lead dimension.
7. Bond to core using Lock-Tite Super Bonder #495 or equivalent.
3
2
4
P/N 05071 Common Mode Choke
1
See Note 7


Similar Part No. - 05071

ManufacturerPart #DatasheetDescription
logo
ABB
05071 ABB-05071 Datasheet
460Kb / 8P
ABB wiring ducts Allied to your business
01/08
logo
Littelfuse
05071.25.MXEP LITTELFUSE-05071.25.MXEP Datasheet
573Kb / 3P
Axial Lead & Cartridge Fuses
More results

Similar Description - 05071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com