Electronic Components Datasheet Search
  English  ▼

X  

MPF102 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPF102
Description  JFET VHF Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF102 Datasheet(HTML) 1 Page - ON Semiconductor

  MPF102 Datasheet HTML 1Page - ON Semiconductor MPF102 Datasheet HTML 2Page - ON Semiconductor MPF102 Datasheet HTML 3Page - ON Semiconductor MPF102 Datasheet HTML 4Page - ON Semiconductor MPF102 Datasheet HTML 5Page - ON Semiconductor MPF102 Datasheet HTML 6Page - ON Semiconductor MPF102 Datasheet HTML 7Page - ON Semiconductor MPF102 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
JFET VHF Amplifier
N–Channel — Depletion
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain – Source Voltage
VDS
25
Vdc
Drain – Gate Voltage
VDG
25
Vdc
Gate – Source Voltage
VGS
–25
Vdc
Gate Current
IG
10
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Junction Temperature Range
TJ
125
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate – Source Breakdown Voltage
(IG = –10 µAdc, VDS = 0)
V(BR)GSS
–25
—
Vdc
Gate Reverse Current
(VGS = –15 Vdc, VDS = 0)
(VGS = –15 Vdc, VDS = 0, TA = 100°C)
IGSS
—
—
–2.0
– 2.0
nAdc
µAdc
Gate – Source Cutoff Voltage
(VDS = 15 Vdc, ID = 2.0 nAdc)
VGS(off)
—
– 8.0
Vdc
Gate – Source Voltage
(VDS = 15 Vdc, ID = 0.2 mAdc)
VGS
–0.5
–7.5
Vdc
ON CHARACTERISTICS
Zero – Gate –Voltage Drain Current(1)
(VDS = 15 Vdc, VGS = 0 Vdc)
IDSS
2.0
20
mAdc
SMALL– SIGNAL CHARACTERISTICS
Forward Transfer Admittance(1)
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
yfs
2000
1600
7500
—
mmhos
Input Admittance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
Re(yis)
—
800
mmhos
Output Conductance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
Re(yos)
—
200
mmhos
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
—
7.0
pF
Reverse Transfer Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Crss
—
3.0
pF
1. Pulse Test; Pulse Width
v 630 ms, Duty Cycle v 10%.
Order this document
by MPF102/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPF102
CASE 29–04, STYLE 5
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1997
1 DRAIN
2 SOURCE
3
GATE


Similar Part No. - MPF102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPF102 MOTOROLA-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
logo
Fairchild Semiconductor
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
N-Channel RF Amplifier
logo
List of Unclassifed Man...
MPF102 ETC1-MPF102 Datasheet
213Kb / 4P
PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
ON Semiconductor
MPF102 ONSEMI-MPF102 Datasheet
147Kb / 7P
JFET VHF Amplifier
January, 2006 ??Rev. 3
logo
Fairchild Semiconductor
MPF102 FAIRCHILD-MPF102 Datasheet
26Kb / 3P
N-Channel RF Amplifier
More results

Similar Description - MPF102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4416LT1 MOTOROLA-MMBF4416LT1 Datasheet
292Kb / 10P
JFET VHF/UHF Amplifier Transistor
MMBFJ309LT1 MOTOROLA-MMBFJ309LT1 Datasheet
165Kb / 6P
JFET VHF/UHF Amplifier Transistor
MPF102 MOTOROLA-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
logo
ON Semiconductor
MMBF4416LT1 ONSEMI-MMBF4416LT1 Datasheet
172Kb / 8P
JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MMBFJ309LT1 ONSEMI-MMBFJ309LT1 Datasheet
165Kb / 8P
JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MPF102 ONSEMI-MPF102_06 Datasheet
147Kb / 7P
JFET VHF Amplifier
January, 2006 ??Rev. 3
MMBFJ309LT1G ONSEMI-MMBFJ309LT1G_09 Datasheet
150Kb / 5P
JFET - VHF/UHF Amplifier Transistor
August, 2009 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
ON Semiconductor
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
MMBFJ309L ONSEMI-MMBFJ309L Datasheet
167Kb / 5P
JFET - VHF/UHF Amplifier Transistor
November, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com