Electronic Components Datasheet Search
  English  ▼

X  

TP0604 Datasheet(PDF) 3 Page - Microchip Technology

Part # TP0604
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP0604 Datasheet(HTML) 3 Page - Microchip Technology

  TP0604 Datasheet HTML 1Page - Microchip Technology TP0604 Datasheet HTML 2Page - Microchip Technology TP0604 Datasheet HTML 3Page - Microchip Technology TP0604 Datasheet HTML 4Page - Microchip Technology TP0604 Datasheet HTML 5Page - Microchip Technology TP0604 Datasheet HTML 6Page - Microchip Technology TP0604 Datasheet HTML 7Page - Microchip Technology TP0604 Datasheet HTML 8Page - Microchip Technology TP0604 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2019 Microchip Technology Inc.
DS20005956A-page 3
TP0604
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. Specification is obtained by characterization and is
not 100% tested.
Parameter
Sym. Min. Typ. Max. Unit
Conditions
Forward Transconductance
GFS 400 600
— mmho VDS = –20V, ID = –1A
Input Capacitance
CISS
—
95
150
pF
VGS = 0V,
VDS = –20V,
f = 1 MHz
Common Source Output Capacitance
COSS —
85
120
pF
Reverse Transfer Capacitance
CRSS —
35
60
pF
Turn-On Delay Time
td(ON) —
5
8
ns
VDD = –20V,
ID = –1A,
RGEN = 25Ω
Rise Time
tr
—
7
18
ns
Turn-Off Delay Time
td(OFF) —
10
15
ns
Fall Time
tf
—
6
19
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
–1.3
–2
V
VGS = 0V, ISD = –1.5A (Note 1)
Reverse Recovery Time
trr
—
300
—
ns
VGS = 0V, ISD = –1.5A
Note 1: Unless otherwise stated, all DC parameters are 100% tested at 25°C.
Pulse test: 300 µs pulse, 2% duty cycle
TEMPERATURE SPECIFICATIONS
Parameter
Sym. Min. Typ. Max. Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55
—
+150
°C
Storage Temperature
TS
–55
—
+150
°C
PACKAGE THERMAL RESISTANCE
3-lead TO-92
JA
—
132
—
°C/W
THERMAL CHARACTERISTICS
Package
ID (Note 1)
(Continuous)
(A)
ID
(Pulsed)
(A)
Power Dissipation
at TA = 25°C
(W)
IDR (Note 1)
(mA)
IDRM
(A)
3-lead TO-92
–0.43
–0.42
0.74
–0.43
–4.2
Note 1: ID (continuous) is limited by maximum rated TJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com