Electronic Components Datasheet Search
  English  ▼

X  

PB411C Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PB411C
Description  Transformer /Balun
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PB411C Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PB411C Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PB411C Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PB411C Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transformer / Balun
http://www.prewell.com
2
Products and product information are subject to change without notice. Version 0.3
SJM PREWELL
PB411C
0
800
1600
2400
3200
4000
0
4
8
12
16
20
Frequency (MHz)
25°C
0
800
1600
2400
3200
4000
0
8
16
24
32
40
Frequency (MHz)
25°C
0
800
1600
2400
3200
4000
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
25°C
0
800
1600
2400
3200
4000
0
8
16
24
32
40
Frequency (MHz)
25°C
Parameters
Units
Frequency (MHz)
50
100
500
1000
2000
3000
3800
Insertion Loss
dB
0.3
0.4
0.7
0.6
2.4
4.1
8.3
Input Return Loss
dB
10.6
10.1
11.0
15.2
13.7
6.7
5.5
Amplitude Unbalance
dB
0.9
0.8
0.6
0.1
1.3
1.7
0.5
Phase Unbalance
Degrees
2.5
1.0
3.3
5.8
2.8
11.9
25.6
Typical Performance Data
Insertion Loss
Input Return Loss
Amplitude Unbalance
Phase Unbalance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com