Electronic Components Datasheet Search
  English  ▼

X  

PBS40C Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PBS40C
Description  Transformer / Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PBS40C Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PBS40C Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PBS40C Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PBS40C Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.prewell.com
1
Products and product information are subject to change without notice.
Version 0.3
SJM PREWELL
PBS40C
Transformer / Splitter
Features
• SMD Base Type
• 50 to 4000 MHz
• Insertion Loss 0.8dB @2000MHz
• Wideband
• Low Cost
•
Description
The PBS40C is a high performance splitter in a high quality
surface mounted package. The device features low insertion loss
and high isolation. The device has a good input/output matching
and exceptional amplitude/phase balance. The product is
targeted for using as wireless infrastructure applications.
Applications
Functional Diagram
Specifications
1) Stresses above the maximum values listed have may cause permanent damage to the device.
Parameters
Units
Freq.
Typ.
Insertion Loss Above 3.0dB
dB
50
– 2000
2000 - 4000
0.8
1.7
Isolation
dB
50
– 2000
2000 - 4000
26
17
Phase Imbalance
Degrees
50
– 2000
2000 - 4000
1.3
1.8
Amplitude Imbalance
dB
50 - 2000
2000 - 4000
0.3
0.7
VSWR (Port S)
: 1
50
– 2000
2000 - 4000
1.9
1.7
VSWR (Port 1-2)
: 1
50 - 2000
2000 - 4000
1.8
2.6
1) Test Conditions : T=25°C, 50ohm System
EXT. Resistor 475ohm 3, 4
Port Sum
Port Sum
Port 2
6
5
4
Port 1
Port Sum
Gnd
3
2
1
• Base station /Repeater/ Mobile
/Automotive / Military
– FDD-LTE, TD-LTE, TDS-CDMA,
CDMA, WCDMA, WiMAX, PCS,
GSM,
GPS, GPRS, TETRA
• IoT / Broadcasting / WLAN
– FM, DMB, DVB, ISM
PCB Footprint (mm)
Absolute Maximum Ratings
Parameter
Rating
Units
RF Power
500
mW
DC Current
30
mA
Operating Temperature
-40 to 85
°C
Storage Temperature
-55 to 100
°C
475 Ohm
6
5
4
1
2
3
PORT 1
PORT 2
PORT
SUM
4.83
0.76
1.27
Unit : mm
1.40


Similar Part No. - PBS40C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBS4 ETC2-PBS4 Datasheet
138Kb / 1P
Switched Disconnects
PBS42 ETC2-PBS42 Datasheet
138Kb / 1P
Switched Disconnects
More results

Similar Description - PBS40C

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2830-0085 XFMRS-2830-0085 Datasheet
69Kb / 1P
POTS SPLITTER TRANSFORMER
logo
EPCOS
B78408A1226A003 EPCOS-B78408A1226A003 Datasheet
88Kb / 4P
RF transformers 3 dB splitter transformer
logo
M/A-COM Technology Solu...
MAPD-010424-C20C80-V2 MA-COM-MAPD-010424-C20C80-V2 Datasheet
450Kb / 4P
2 way Splitter Transformer
logo
XFMRS Inc.
2830-0085 XFMRS-2830-0085 Datasheet
69Kb / 1P
POTS SPLITTER TRANSFORMER
logo
M/A-COM Technology Solu...
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80_15 Datasheet
450Kb / 4P
2 way Splitter Transformer
logo
XFMRS Inc.
2830-0085 XFMRS-2830-0085_15 Datasheet
69Kb / 1P
POTS Splitter Transformer
XF4015 XFMRS-XF4015_15 Datasheet
35Kb / 1P
SPLITTER
XF4016 XFMRS-XF4016_15 Datasheet
35Kb / 1P
SPLITTER
logo
SJM Prewell. All Rights...
PBS10A SJM-PBS10A Datasheet
456Kb / 3P
Transformer / Splitter
PBS30A SJM-PBS30A Datasheet
295Kb / 3P
Transformer / Splitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com