Electronic Components Datasheet Search
  English  ▼

X  

PD09A Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PD09A
Description  Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PD09A Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PD09A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PD09A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PD09A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.prewell.com
1
Power Divider
SJM PREWELL
PD09A
Products and product information are subject to change without notice. Version 0.6
Features
•
700to1000 MHz
•
Insertion loss 0.88dB @800MHz
•
Isolation -26.5dB@800MHz
•
Lead-free/Green/
compliant SOT-26Package
Description
The PD09A is a high performance Divider in a high quality SOT-26
package & surface-mounted package. The device features low
insertion loss and high isolation. The device has a good input/output
matching and exceptional amplitude/phase balance. The product is
targeted for using as wireless infrastructure applications. All devices
are100% RFand DCtested.
Applications
Functional Diagram
Specifications
1) TestConditions :T=25°C, 50ohmSystem, InsertionLossisless3dBsplit.
Absolute Maximum Ratings
Parameter
Rating
Unit
RFPowerInput
30
dBm
StorageTemperature
-55to150
°C
AmbientOperatingTemperature
-40to85
°C
1) Stressesabove the maximum values listed have may cause permanent damage to the device.
Parameter
Units
Frequency (MHz)
700
800
900
1000
InsertionLoss
dB
0.83
0.88
0.99
1.17
Isolation
dB
-18.0
-26.5
-20.1
-14.4
InputReturnLoss
dB
-25
-36
-20
-14
OutputReturnLoss
dB
-18
-19
-21
-23
Amplitude Balance
dB
0.00
0.00
0.01
0.02
PhaseBalance
Deg.
0.03
0.12
0.01
0.11
•
Base station /Repeater/Mobile
/Automotive /Military
FDD-LTE,TD-LTE,TDS-CDMA,
CDMA,WCDMA,WiMAX,PCS,GSM,
GPS,GPRS,TETRA
•
IoT/Broadcasting /WLAN
FM,DMB,DVB,ISM
RF IN
GND
5
2,4,6
OUT1
OUT2
1
3
3
6
1
4
2
5


Similar Part No. - PD09A

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
logo
Skyworks Solutions Inc.
PD09-73 SKYWORKS-PD09-73 Datasheet
169Kb / 4P
Two-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
PD09-73LF SKYWORKS-PD09-73LF Datasheet
169Kb / 4P
Two-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
logo
Yantel Corporation
PD0900U03-070 YANTEL-PD0900U03-070 Datasheet
1Mb / 5P
Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
More results

Similar Description - PD09A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
Power Divider
JXWBGF-H-3-1-300 AAC-JXWBGF-H-3-1-300 Datasheet
80Kb / 1P
Power Divider
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
Power Divider
JXWBGF-A-2-90-10.2-11.2 AAC-JXWBGF-A-2-90-10.2-11.2 Datasheet
94Kb / 1P
Power Divider
JXWBGF-A-2-180-1-200 AAC-JXWBGF-A-2-180-1-200 Datasheet
104Kb / 1P
Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013_15 Datasheet
129Kb / 3P
Power Divider
MAPDCT0026 MA-COM-MAPDCT0026_15 Datasheet
106Kb / 3P
Power Divider
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
Power divider
MAPDCT0033 MA-COM-MAPDCT0033_15 Datasheet
104Kb / 3P
Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com