Electronic Components Datasheet Search
  English  ▼

X  

PD18A Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PD18A
Description  Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PD18A Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PD18A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PD18A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PD18A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.prewell.com
Power Divider
SJM PREWELL
PD18A
Products and product information are subject to change without notice. Version 0.6
Specifications
Parameter
Units
Frequency (MHz)
1500
1900
2100
2300
InsertionLoss
dB
0.60
0.62
0.77
0.97
Isolation
dB
-14.7
-26.2
-20.5
-15.9
InputReturnLoss
dB
-20
-23
-16
-12
OutputReturnLoss
dB
-17
-24
-37
-26
Amplitude Balance
dB
0.07
0.04
0.02
0.01
PhaseBalance
Deg.
0.01
0.05
0.13
0.56
Features
•
1500to2300MHz
•
Insertion loss 0.62dB@1900MHz
•
Isolation -26dB@1900MHz
•
Lead-free/Green/
compliant SOT-26Package
Applications
•
Base station /Repeater/Mobile
/Automotive /Military
FDD-LTE,TD-LTE,TDS-CDMA,
CDMA,WCDMA,WiMAX,PCS,GSM,
GPS,GPRS,TETRA
•
IoT/Broadcasting /WLAN
FM,DMB,DVB,ISM
Description
The PD18A is a high performance Divider in a high quality SOT-26
package & surface-mounted package. The device features low
insertion loss and high isolation. The device has a good input/output
matching and exceptional amplitude/phase balance. The product is
targeted for using as wireless infrastructure applications. All devices
are100% RFand DCtested.
Functional Diagram
RF IN
GND
5
2,4,6
OUT1
OUT2
1
3
Absolute Maximum Ratings
Parameter
Rating
Unit
RFPowerInput
30
dBm
StorageTemperature
-55to150
°C
AmbientOperatingTemperature
-40to85
°C
1) Stressesabove the maximum values listed have may cause permanent damage to the device.
1) TestConditions :T=25°C, 50ohmSystem, InsertionLossisless3dBsplit.
3
6
1
4
2
5


Similar Part No. - PD18A

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD18-12 ALPHA-PD18-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Stackpole Electronics, ...
PD1813MT101 SEI-PD1813MT101 Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
PD1813MT1R1 SEI-PD1813MT1R1 Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
PD1813MT470 SEI-PD1813MT470 Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results

Similar Description - PD18A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
Power Divider
JXWBGF-H-3-1-300 AAC-JXWBGF-H-3-1-300 Datasheet
80Kb / 1P
Power Divider
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
Power Divider
JXWBGF-A-2-90-10.2-11.2 AAC-JXWBGF-A-2-90-10.2-11.2 Datasheet
94Kb / 1P
Power Divider
JXWBGF-A-2-180-1-200 AAC-JXWBGF-A-2-180-1-200 Datasheet
104Kb / 1P
Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013_15 Datasheet
129Kb / 3P
Power Divider
MAPDCT0026 MA-COM-MAPDCT0026_15 Datasheet
106Kb / 3P
Power Divider
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
Power divider
MAPDCT0033 MA-COM-MAPDCT0033_15 Datasheet
104Kb / 3P
Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com