Electronic Components Datasheet Search
  English  ▼

X  

PS-650LS Datasheet(PDF) 2 Page - Power Sonic Corporation

Part # PS-650LS
Description  Rechargeable Sealed Lead Acid Battery PS ??General Purpose Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SONIC [Power Sonic Corporation]
Direct Link  https://www.power-sonic.com/
Logo POWER-SONIC - Power Sonic Corporation

PS-650LS Datasheet(HTML) 2 Page - Power Sonic Corporation

  PS-650LS Datasheet HTML 1Page - Power Sonic Corporation PS-650LS Datasheet HTML 2Page - Power Sonic Corporation PS-650LS Datasheet HTML 3Page - Power Sonic Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.power-sonic.com
FLOATCHARGINGCHARACTERISTICS
FLOAT LIFE IN YEARS VS. TEMPERATURE
100
80
60
40
0
Standing Period (months)
Shelf Life & Storage
0
2
4
6
8
10
12
14
16
18
20
5°C
(41°F)
40°C
(104°F)
30°C
(86°F)
20°C
(68°F)
Charging is not
necessary unless
100% of capacity
is required.
Charging before
use is necessary
to help recover
full capacity.
Charge may fail
to restore full
capacity. Do not
let batteries
reach this state.
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
Battery Temperature
FLOAT LIFE IN YEARS VS. TEMPERATURE
Shelf Life & Storage
20
68
25
77
30
86
35
95
40
104
45
113
°C
°F
°C
°F
DISCHARGECHARACTERISTICS
PS-650LS6V5.00AH@20-hr.
6V 4.73 AH @ 10-hr.
Rechargeable Sealed Lead Acid Battery
PS – General Purpose Series
0.1C 0.05C
0.2C
0.4C
1C
0.6C
2C
3C
10
1
2
4
6
20
40 60
2
4
6 8 10
H
Min
8
20
4.0
4.5
5.0
5.5
6.0
6.5
(
V)
6V
Battery
Temperature:250C(770F)
Discharge Time
0
8
16
20
12
24
28
32
36
40
6.0
6.5
7.0
7.5
(XCA)
%
Charge
Volume
Charging
Current
After 100% Discharge
Charge Voltage
(Constant 2.25v/cell)
Charging Current
5.5
4
0.10
0.15
0.20
0.25
0.05
0
0
10
20
30
50
40
60
70
80
90
100
120
110
Charging
Voltage
(V)
Charging Time(hours)
0.10CA-2.25V/cell temperature250C
After 50% Discharge
Charged Volume
To ensure safe and efficient operation always refer to the latest edition of our Technical Manual, as published on our website.
© 2018. Power-Sonic Corporation. All rights reserved. All trademarks are the property of their respective owners.
All data subject to change without notice. E&O.E
POWER-SONICEMEA
(EMEA–EUROPE,MIDDLEEASTANDAFRICA)
Smitspol 4, 3861 RS Nijkerk,
The Netherlands
T NL: + 31 33 7410 700
T UK: + 44 1268 560 686
T FR: + 33 344 32 18 17
E: salesEMEA@power-sonic.com
GLOBALHEADQUARTERS
(USAANDINTERNATIONALEXCLUDINGEMEA)
Power-Sonic Corporation
365 Cabela Dr Suite 300,
Reno, Nevada 89523
USA
T: +1 619 661 2020
E: customer-service@power-sonic.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com