Electronic Components Datasheet Search
  English  ▼

X  

KBJ601 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KBJ601
Description  Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KBJ601 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KBJ601 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBJ601 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
KBJ601...... KBJ610
特性曲线
Characteristic Curves
VF Instantaneous Forward Voltage (V)
0
40
80
120
160
0
2.0
4.0
1.0
3.0
+~
~-
P.C.B.
on glass-epoxi substrate
soldering land 5mmф
sine wave R-load
free in air
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
FORWARD POWER DISSIPATION
10
100
02
5
20
50
0
200
240
0
2
4
6
10
12
5
0
Sine wave
Tj=150℃
12
6
34
8
14
7
FORWARD CURRENT DERATING CURVE
0
40
80
120
160
0
5
9
2
7
+~
~
-
Tc-sensing point
sine wave R-load
with heatsink
Tc
160
120
80
40
1
6
4
8
3
10
0.1
0.4
0.5
0.7
0.8
0.9
1.2
1
10
1.1
0.6
1.0
Pulse measurement
per diode
Tl=150℃
Tl=25℃
10mS
10mS
1 Cycle
non-repetitive
Tj=25℃ before
通过电流的周期
正向电流降额曲线
正向电压
VF(V)
浪涌特性曲线(最大值)
管体温度 TC(
°C)
Case Temperature Tc(℃)
平均整流电流
I0(A)
AVERAGE RECGIFIED FORWARD
CURRENT Io(A)
功率损耗曲线
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)
正向电流降额曲线
正向特性曲线(典型值)
FORWARD CURRENT DERATING CURVE
TYPICAL FORWARD CHARACTERISTIC
大昌电子
DACHANG ELECTRONICS
- 126 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com