Electronic Components Datasheet Search
  English  ▼

X  

08378 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 08378
Description  CAPACITOR, 470uF -20% 450V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

08378 Datasheet(HTML) 1 Page - Vicor Corporation

  08378 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VICOR CONFIDENTIAL
THIS DOCUMENT AND THE DATA DISCLOSED
HEREIN OR HEREWITH IS NOT TO BE REPRODUCED,
USED, OR DISCLOSED IN WHOLE OR IN PART
TO ANYONE WITHOUT PERMISSION OF VICOR CORP.
APP'D
DATE
DESCRIPTION
REV.
I
V COR
SIZE FSCM NO.
DWG. NO.
REV.
SCALE
SHEET
OF
DRAWN:
CHECKED:
APPROVALS
DATE
THIRD ANGLE PROJECTION
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
TOLERANCES ARE:
FRACTIONS DECIMALS
ANGLES
.XX
.XXX
DO NOT SCALE DRAWING
ISSUED
APP'D
67131
B
± .01
± .005
± 1
±1/64
11
HHC
DRAWN 5/10/93
1
NONE
5/10/93
1
450V
CAPACITOR, 470uf
± 20%
08378
MFG. ID/PF CODE
MARKING:


Similar Part No. - 08378

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08370 3M-08370 Datasheet
98Kb / 4P
MSP SeamSealer
Dec-2015
08374 3M-08374 Datasheet
151Kb / 5P
3M™ Ultrapro™ MSP Sprayable Seam Sealer
24-Feb-2004
logo
Vicor Corporation
08376 VICOR-08376 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08376-02 VICOR-08376-02 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
More results

Similar Description - 08378

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
450V N-Channel MOSFET
logo
Rohm
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
Switching (450V, 7A)
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
Switching (450V, 5A)
logo
Fairchild Semiconductor
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
450V N-Channel MOSFET
logo
Vicor Corporation
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
13469 VICOR-13469 Datasheet
32Kb / 1P
CAPACITOR, ALEL, RADIAL, 10uF, -20%, 450V
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
450V N-Channel MOSFET
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
450V LED controller
logo
ELM Electronics
ELM916DA ELM-ELM916DA Datasheet
597Kb / 6P
450V LED controller
logo
Pulse A Technitrol Comp...
T8006NL PULSE-T8006NL Datasheet
275Kb / 3P
INDUCTOR,CM,470UF,4W,SMT,SGL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com