Electronic Components Datasheet Search
  English  ▼

X  

08395 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 08395
Description  BUSS FUSE, PC-TRON 2.5A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

08395 Datasheet(HTML) 1 Page - Vicor Corporation

  08395 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01 REVISED & RELEASED E930638JFW
MARKING:
MFG. ID/PF CODE
08395
BUSS FUSE, PC-TRON
2.5A
01
5/10/93
NONE
1
DRAWN 5/10/93
HHC
1
1
1/64
1°
.005
.01
±
±
B
67131
APP'D
ISSUED
DO NOT SCALE DRAWING
±
.XXX
.XX
±
ANGLES
DECIMALS
FRACTIONS
TOLERANCES ARE:
DIMENSIONS ARE IN INCHES
UNLESS OTHERWISE SPECIFIED
THIRD ANGLE PROJECTION
DATE
APPROVALS
CHECKED:
DRAWN:
OF
SHEET
SCALE
REV.
DWG. NO.
FSCM NO.
SIZE
COR
V I
REV.
DESCRIPTION
DATE
APP'D
TO ANYONE WITHOUT PERMISSION OF VICOR CORP.
USED, OR DISCLOSED IN WHOLE OR IN PART
HEREIN OR HEREWITH IS NOT TO BE REPRODUCED,
THIS DOCUMENT AND THE DATA DISCLOSED
VICOR CONFIDENTIAL
NOTES:
1.) TIME CURRENT CHARACTERISTICS: CARRY 100% OF RATING
FOR 4.0 HRS. MINIMUM, OPEN OF 200% OF RATING IN
10 SECONDS MAXIMUM. (NON-TIME DELAY).
2.) AGENCY APPROVALS:
PCB, PCC, PCD, PDE, PCF, PCH &
PCI. UL RECOGNIZED: FILE E19180.
GUIDE JDYX2. (PCC APPROVAL PENDING)
CSA CERTIFIED: FILE 42731, CLASS
1421-01.
PCG CERTIFICATION PENDING.
3.) RATINGS 2.5 AMPS, 250 V.
4.) COLD RESISTANCE DATA: (10% RATED CURRENT) NOMINAL
VALUE 2.5 A - .10 .
.100 SHORT
.015
.750 FULL
.020
.200±.005
.345
.184
.350
.025


Similar Part No. - 08395

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
083-168 AMPHENOL-083-168 Datasheet
2Mb / 8P
UHF Connector Series
083-168-RFX AMPHENOL-083-168-RFX Datasheet
2Mb / 8P
UHF Connector Series
083-185 AMPHENOL-083-185 Datasheet
2Mb / 8P
UHF Connector Series
083-185-RFX AMPHENOL-083-185-RFX Datasheet
2Mb / 8P
UHF Connector Series
083-1AC AMPHENOL-083-1AC Datasheet
2Mb / 8P
UHF Connector Series
More results

Similar Description - 08395

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3704 HAMAMATSU-C3704 Datasheet
34Kb / 2P
UV TRON DRIVING CIRCUIT
R2868 HAMAMATSU-R2868 Datasheet
143Kb / 2P
FLAME SENSOR UV TRON
R9454 HAMAMATSU-R9454 Datasheet
268Kb / 4P
FLAME SENSOR UV TRON
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
CC-TRON Time-Delay Fuses
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3-R COOPER-PCB-3-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
HET COOPER-HET Datasheet
49Kb / 2P
TRON In-Line Fuseholders
logo
Keystone Electronics Co...
3529 KEYSTONE-3529 Datasheet
195Kb / 1P
3AG PC FUSE CLIP
8.30.82
4527 KEYSTONE-4527 Datasheet
186Kb / 1P
5mm PC FUSE HOLDER
5.12.94
4628 KEYSTONE-4628 Datasheet
245Kb / 1P
5mm PC FUSE HOLDER
9.4.97
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com