Electronic Components Datasheet Search
  English  ▼

X  

MPS2222 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS2222
Description  General Purpose Transistors(NPN Silicon)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2222 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS2222 Datasheet HTML 1Page - ON Semiconductor MPS2222 Datasheet HTML 2Page - ON Semiconductor MPS2222 Datasheet HTML 3Page - ON Semiconductor MPS2222 Datasheet HTML 4Page - ON Semiconductor MPS2222 Datasheet HTML 5Page - ON Semiconductor MPS2222 Datasheet HTML 6Page - ON Semiconductor MPS2222 Datasheet HTML 7Page - ON Semiconductor MPS2222 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPS2222, MPS2222A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
MPS2222
(IC = 10 mAdc, IB = 0)
MPS2222A
V(BR)CEO
30
40
–
–
Vdc
Collector–Base Breakdown Voltage
MPS2222
(IC = 10 mAdc, IE = 0)
MPS2222A
V(BR)CBO
60
75
–
–
Vdc
Emitter–Base Breakdown Voltage
MPS2222
(IE = 10 mAdc, IC = 0)
MPS2222A
V(BR)EBO
5.0
6.0
–
–
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
MPS2222A
ICEX
–
10
nAdc
Collector Cutoff Current
(VCB = 50 Vdc, IE = 0)
MPS2222
(VCB = 60 Vdc, IE = 0)
MPS2222A
(VCB = 50 Vdc, IE = 0, TA = 125°C)
MPS2222
(VCB = 50 Vdc, IE = 0, TA = 125°C)
MPS2222A
ICBO
–
–
–
–
0.01
0.01
10
10
µAdc
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
MPS2222A
IEBO
–
100
nAdc
Base Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
MPS2222A
IBL
–
20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = –55°C)
MPS2222A only
(IC = 150 mAdc, VCE = 10 Vdc) (Note 1.)
(IC = 150 mAdc, VCE = 1.0 Vdc) (Note 1.)
(IC = 500 mAdc, VCE = 10 Vdc) (Note 1.)
MPS2222
MPS2222A
hFE
35
50
75
35
100
50
30
40
–
–
–
–
300
–
–
–
–
Collector–Emitter Saturation Voltage (Note 1.)
(IC = 150 mAdc, IB = 15 mAdc)
MPS2222
MPS2222A
(IC = 500 mAdc, IB = 50 mAdc)
MPS2222
MPS2222A
VCE(sat)
–
–
–
–
0.4
0.3
1.6
1.0
Vdc
Base–Emitter Saturation Voltage (Note 1.)
(IC = 150 mAdc, IB = 15 mAdc)
MPS2222
MPS2222A
(IC = 500 mAdc, IB = 50 mAdc)
MPS2222
MPS2222A
VBE(sat)
–
0.6
–
–
1.3
1.2
2.6
2.0
Vdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com