Electronic Components Datasheet Search
  English  ▼

X  

AFRB24 Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # AFRB24
Description  On/Off, Spring Return, AC/DC 24 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFRB24 Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  AFRB24 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AFRB24 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data sheet
AFRB24
www.belimo.com
AFRB24 • en-us • 2020-09-22 • Subject to change
2 / 2
Provide overload protection and disconnect as required.
Actuators may also be powered by 24 VDC.
Actuators may be powered in parallel. Power consumption must be observed.
Parallel wiring required for piggy-back applications.
Meets cULus requirements without the need of an electrical ground connection.
Warning! Live Electrical Components!
During installation, testing, servicing and troubleshooting of this product, it may be necessary to work
with live electrical components. Have a qualified licensed electrician or other individual who has been
properly trained in handling live electrical components perform these tasks. Failure to follow all electrical
safety precautions when exposed to live electrical components could result in death or serious injury.
Wiring diagrams
On/Off



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com