Electronic Components Datasheet Search
  English  ▼

X  

MINIBASE-10R Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # MINIBASE-10R
Description  COM Express짰 Type 10 Reference Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

MINIBASE-10R Datasheet(HTML) 2 Page - Adlink Technology Inc.

  MINIBASE-10R Datasheet HTML 1Page - Adlink Technology Inc. MINIBASE-10R Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
Updated Nov. 08, 2017. ©2017 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
Functional Diagram
12V or 14V
(with JPY2)
GPIO
NXP
PCA9535
Audio
Codec
ALC262
LAN
i210IT
DB9
COM1
RJ-45
2-ports
USB 2.0
USB0
USB_SS0
USB1
USB_SS1
USB2
USB3
GbE
2-ports
USB 3.0
USB7
Mini USB
USB4
PCIE1 (x1)
DDI0
DP Port
SATA0
SATA
HD Audio
MIC
Line IN
Line OUT
S/PDIF OUT
SMbus
SDIO /
MMC
LVDS / eDP
30-pin
header
PCIE0 (x1)
USB5
PCIE2 (x1)
RJ-45
SER0
POST 80H
SDIO
8-pin
header
DB9
COM2
SER1
SPI
Container
SPI
SATA1
Auto
Switch
SATA1
CPLD
Main Input
19VDC
BAT1 (5.7-8.4V with 2 cell)
(9V-12.6V with 3 cell)
LVDS Backlight
3.3 or 5VDC
Smart Battery
(2/3 cell)
Fan Power
5VDC
LVDS VDD
5VDC
SATA Power
5VDC
Power Connectors
Mode detect
LPC
LTC3867
Charger
LTC1760
Smart Battery
(2/3 cell)
BAT2 (5.7-8.4V with 2 cell)
(9V-12.6V with 3 cell)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com