Electronic Components Datasheet Search
  English  ▼

X  

2N6705 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N6705
Description  General Purpose Medium Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6705 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N6705 Datasheet HTML 1Page - Continental Device India Limited 2N6705 Datasheet HTML 2Page - Continental Device India Limited 2N6705 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N6705
TO-237
Plastic Package
General Purpose Medium Power Amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
45
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
1.5
A
Total Power Dissipation
PD
850
mW
Operating and Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
45
V
Collector -Base Voltage
VCBO
IC=100µA, IE=0
60
V
Emitter-Base Voltage
VEBO
IE=10µA, IC=0
5
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
0.1
µA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
0.1
µA
DC Current Gain
hFE
IC=50mA,VCE=2V
40
IC=250mA,VCE=2V
40
250
IC=500mA,VCE=2V
25
Collector Emitter Saturation Voltage
VCE(sat)
IC=500mA,IB=50mA
0.5
V
IC=1A,IB=100mA
1V
Transition Frequency
fT
VCE=10V, IC=200mA,
50
400
MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - 2N6705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6702 ETC1-2N6702 Datasheet
292Kb / 6P
High-Current silicon NPN Versawatt Transistors
logo
Savantic, Inc.
2N6702 SAVANTIC-2N6702 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6702 ISC-2N6702 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6702 NJSEMI-2N6702 Datasheet
138Kb / 1P
HIGH-CURRENT, SILICON N-P-N VERSAWATT TRANSISTORS
logo
Savantic, Inc.
2N6702 SAVANTIC-2N6702 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6705

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
2N6707 CDIL-2N6707 Datasheet
132Kb / 3P
General Purpose Medium Power Amplifier
logo
National Instruments Co...
PXI-2568 NI-PXI-2568 Datasheet
163Kb / 3P
Medium-Power General-Purpose SPST Relays
logo
Cystech Electonics Corp...
ZD4686SH CYSTEKEC-ZD4686SH Datasheet
277Kb / 8P
General purpose, medium current
ZD4694SH CYSTEKEC-ZD4694SH Datasheet
277Kb / 8P
General purpose, medium current
ZD4705BSH CYSTEKEC-ZD4705BSH Datasheet
277Kb / 8P
General purpose, medium current
ZD4712BSH CYSTEKEC-ZD4712BSH Datasheet
277Kb / 8P
General purpose, medium current
ZD4713BSH CYSTEKEC-ZD4713BSH Datasheet
277Kb / 8P
General purpose, medium current
ZD4715BSH CYSTEKEC-ZD4715BSH Datasheet
277Kb / 8P
General purpose, medium current
ZD4716BSH CYSTEKEC-ZD4716BSH Datasheet
277Kb / 8P
General purpose, medium current
logo
RF Micro Devices
RF5110G RFMD-RF5110G_15 Datasheet
3Mb / 24P
GENERAL PURPOSE / GSM POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com