Electronic Components Datasheet Search
  English  ▼

X  

MPS2369 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS2369
Description  Switching Transistors(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2369 Datasheet(HTML) 1 Page - ON Semiconductor

  MPS2369 Datasheet HTML 1Page - ON Semiconductor MPS2369 Datasheet HTML 2Page - ON Semiconductor MPS2369 Datasheet HTML 3Page - ON Semiconductor MPS2369 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Switching Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
15
Vdc
Collector–Emitter Voltage
VCES
40
Vdc
Collector–Base Voltage
VCBO
40
Vdc
Emitter–Base Voltage
VEBO
4.5
Vdc
Collector Current — Continuous
IC
200
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1)
(IC = 10 mAdc, IB = 0)
MPS2369A
V(BR)CEO
15
—
—
Vdc
Collector–Emitter Breakdown Voltage
(IC = 10 µAdc, VBE = 0)
MPS2369,A
V(BR)CES
40
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
MPS2369,A
V(BR)CBO
40
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
MPS2369,A
V(BR)EBO
4.5
—
—
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
(VCB = 20 Vdc, IE = 0, TA = 125°C)
MPS2369,A
ICBO
—
—
—
—
0.4
30
µAdc
Collector Cutoff Current
(VCE = 20 Vdc, VBE = 0)
MPS2369,A
ICES
—
—
0.4
µAdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
June, 2001 – Rev. 2
1
Publication Order Number:
MPS2369/D
MPS2369
MPS2369A
*ON Semiconductor Preferred Device
CASE 29–11, STYLE 1
TO–92 (TO–226AA)
1
2
3
*
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPS2369

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2369 MOTOROLA-MPS2369 Datasheet
97Kb / 4P
Switching Transistors
logo
New Jersey Semi-Conduct...
MPS2369 NJSEMI-MPS2369 Datasheet
90Kb / 2P
Switching Transistors
logo
Motorola, Inc
MPS2369A MOTOROLA-MPS2369A Datasheet
97Kb / 4P
Switching Transistors
logo
New Jersey Semi-Conduct...
MPS2369A NJSEMI-MPS2369A Datasheet
90Kb / 2P
Switching Transistors
More results

Similar Description - MPS2369

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
Switching Transistors(NPN Silicon)
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
ON Semiconductor
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
NPN Silicon Switching Transistors
2007-09-20
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
NPN Silicon Switching Transistors
2012-08-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com