Electronic Components Datasheet Search
  English  ▼

X  

PH335 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PH335
Description  High Linearity InGaP HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PH335 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PH335 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PH335 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PH335 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PH335 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PH335 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PH335 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PH335
High Linearity InGaP HBT Amplifier
http://www.prewell.com
September 2010
4
Frequency
2140 MHz
S21 : Gain
14.0 dB
S11 : Input Return Loss
-16 dB
S22 : Output Return Loss
-11 dB
Output P1dB
+ 26.6 dBm
Output IP3 @7dBm
+ 42.3 dBm
Noise Figure
2.9 dB
Supply Voltage
5 V
Current
118 mA
2140 MHz Application Circuit
RF IN
+5 V
1uF
20pF
22nH
0.75pF
1.2pF
20pF
20pF
1.8pF
2050
2100
2150
2200
2250
8
10
12
14
16
18
Gain vs. Frequency
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
2050
2100
2150
2200
2250
-30
-25
-20
-15
-10
-5
0
Input Return Loss
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
1850
1900
1950
2000
2050
-30
-25
-20
-15
-10
-5
0
Output Return Loss
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
2050
2100
2150
2200
2250
1
2
3
4
5
Noise Figure vs. Frequency
Frequency(MHz)
+25
o
C
2050
2100
2150
2200
2250
18
20
22
24
26
28
30
P1dB vs. Frequency
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
-40
-20
0
20
40
60
80
35
39
43
47
51
Freq=2140MHz, +7dBm/tone
OIP3 vs. Temperature
Temperature(
o
C)
2050
2100
2150
2200
2250
25
30
35
40
45
50
+7dBm/tone, +25
o
C
Output IP3 vs. Frequency
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com