Electronic Components Datasheet Search
  English  ▼

X  

PH480 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PH480
Description  Medium Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PH480 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PH480 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PH480 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PH480 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PH480 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PH480 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.prewell.com
4
Medium Power Amplifier
SJM PREWELL
PH480
Products and product information are subject to change without notice. Version 0.3
1920
1930
1940
1950
1960
1970
1980
-70
-60
-50
-40
-30
-20
-10
0
14.6dBm@45dBc
13.8dBm@50dBc
12.6dBm@55dBc
15.5dBm@40dBc
Frequency (MHz)
5MHz Offset
Vcc=5V, 25℃
2110
2120
2130
2140
2150
2160
2170
-70
-60
-50
-40
-30
-20
-10
0
5MHz Offset
Vcc=5V, 25℃
15.0dBm@45dBc
14.0dBm@50dBc
11.8dBm@55dBc
16.0dBm@40dBc
Frequency (MHz)
10
11
12
13
14
15
16
-65
-60
-55
-50
-45
-40
-35
5MHz Offset
10MHz Offset
Output Channel Power (dBm)
10
11
12
13
14
15
16
-65
-60
-55
-50
-45
-40
-35
5MHz Offset
10MHz Offset
Output Channel Power (dBm)
4FA WCDMA ACLR @ 2140MHz
Center 1950MHz #RBW 30kHz #VBW 1kHz Span 59.68MHz
4FA WCDMA ACLR @ 1950MHz
Center 1950MHz #RBW 30kHz #VBW 1kHz Span 59.68MHz
ACPR IS-95A vs. Channel Power @ 2140MHz
IS-95, 9 Ch.Forward, 30 kHz Meas BW, 885 kHz offset
ACPR IS-95A vs. Channel Power @ 1950MHz
IS-95, 9 Ch.Forward, 30 kHz Meas BW, 885 kHz offset



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com