Electronic Components Datasheet Search
  English  ▼

X  

2SC2757 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC2757
Description  NPN RF Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC2757 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC2757 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2757 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC2757 SOT-23
1 / 2
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
DESCRIPTION
Low Noise
High Current-Gain Bandwidth Product
APPLICATIONS
Designed for use in VHF RF amplifier, local oscillator, mixer.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
50
mA
PC
Collector Power Dissipation
@TC=25℃
0.15
W
TJ
Junction Temperature
125
℃
Tstg
Storage Temperature Range
-55~125
℃
ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10mA ; IB= 1mA
0.5
V
ICBO
Collector Cutoff Current
VCB= 12V; IE= 0
0.1
μA
hFE
DC Current Gain
IC= 5mA ; VCE= 10V
60
240
fT
Current-Gain—Bandwidth Product
IC= 5mA ; VCE= 10V
800
1100
MHz
COB
Output Capacitance
IE= 0 ; VCB= 10V;f= 1.0MHz
1.5
pF
rbb’ • CC
Base Time Constant
IC= 5mA ; VCB= 10V;f= 31.9MHz
10
15
ps
1
2
3
1.Base
2.Emitter
3.Collector
■
Simplified outline(SOT-23)
NPN RF Transistors
■
●
●
■
●
hFE Classifications
Marking
T32
T33
T34
hFE
60-120
90-180
120-240
■


Similar Part No. - 2SC2757

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2757 ISC-2SC2757 Datasheet
72Kb / 2P
isc Silicon NPN RF Transistor
logo
SHIKUES Electronics
2SC2757 SKTECHNOLGY-2SC2757 Datasheet
1Mb / 3P
TRANSISTOR (NPN)
logo
Renesas Technology Corp
2SC2757 RENESAS-2SC2757 Datasheet
582Kb / 6P
SILICON TRANSISTOR
1984
More results

Similar Description - 2SC2757

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BFR92ALT1 MOTOROLA-BFR92ALT1 Datasheet
54Kb / 2P
RF TRANSISTORS NPN SILICON
BFR93ALT1 MOTOROLA-BFR93ALT1 Datasheet
54Kb / 2P
RF TRANSISTORS NPN SILICON
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
NPN SILICON PLANAR RF TRANSISTORS
logo
Siemens Semiconductor G...
BF362 SIEMENS-BF362 Datasheet
34Kb / 2P
NPN SILICON RF TRANSISTORS
BF457 SIEMENS-BF457 Datasheet
122Kb / 4P
NPN SILICON RF TRANSISTORS
logo
List of Unclassifed Man...
CD2088 ETC1-CD2088 Datasheet
40Kb / 2P
RF POWER TRANSISTORS-NPN
logo
Central Semiconductor C...
BFX89 CENTRAL-BFX89 Datasheet
167Kb / 2P
NPN SILICON RF TRANSISTORS
2N2857 CENTRAL-2N2857_15 Datasheet
552Kb / 2P
NPN SILICON RF TRANSISTORS
MPSH10 CENTRAL-MPSH10_15 Datasheet
328Kb / 2P
SILICON NPN RF TRANSISTORS
logo
New Jersey Semi-Conduct...
BF254 NJSEMI-BF254 Datasheet
120Kb / 2P
NPN Silicon RF Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com