Electronic Components Datasheet Search
  English  ▼

X  

2SC3357 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC3357
Description  NPN Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC3357 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC3357 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3357 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3357 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3357 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3357 SOT-89
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
NPN Transistors
■
Features
●
Low noise and high gain
●
High power gain
●
Large Ptot
1
2
3
■
Simplified outline(SOT-89)
1.Base
2.Collector
3.Emitter
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
20
Collector - Emitter Voltage
VCEO
12
Emitter - Base Voltage
VEBO
3
Collector Current - Continuous
IC
100
mA
Collector Power Dissipation
PC
1.2
W
Junction to Ambient Resistance
Rth (j-a)
62.5
℃
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Note.1: Pulse measurement: PW ≤ 350 us, Duty Cycle ≤ 2%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
12
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
3
Collector-base cut-off current
ICBO
VCB= 20V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 3V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=50 mA, IB=5mA
0.4
Base - emitter saturation voltage
VBE(sat) IC=50 mA, IB=5mA
1.2
DC current gain
(Note.1)
hFE
VCE= 10V, IC= 20mA
50
250
Insertion Power Gain
|S21e|
VCE = 10V, IC = 20mA, f= 1GHz
9
VCE = 10V, IC = 7mA, f= 1GHz
1.1
VCE = 10V, IC = 40mA, f= 1GHz
1.8
3
Reverse Transfer Capacitance
Cre
VCB= 10V, IE= 0,f=1MHz
1
pF
Transition frequency
fT
VCE= 10V, IC= 20mA
6.5
GHz
V
uA
Noise Figure
NF
dB
V
2
■
Classification of hfe
Type
2SC3357-F
2SC3357-E
Range
80-160
125-250
Marking
RF
RE
■


Similar Part No. - 2SC3357

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3357 NEC-2SC3357 Datasheet
77Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SC3357 KEXIN-2SC3357 Datasheet
54Kb / 1P
NPN Silicon RF Transistor
logo
Inchange Semiconductor ...
2SC3357 ISC-2SC3357 Datasheet
321Kb / 6P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
logo
Foshan Blue Rocket Elec...
2SC3357 FOSHAN-2SC3357 Datasheet
748Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
More results

Similar Description - 2SC3357

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com