Electronic Components Datasheet Search
  English  ▼

X  

SS32BF Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS32BF
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS32BF Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS32BF Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS32BF Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS32BF Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS32BF THRU SS320BF SMBF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 20 to 200 V
Forward Current - 3 A
FEATURES
Metal silicon junction, majority carrier conduction
For surface mounted applications
Low power loss, high efficiency
High forward surge current capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 57mg / 0.002oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SMBF
Absolute Maximum Ratings and Electrical characteristics
Ratings at 25 ° ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
Parameter
Symbols
SS32BF
SS34BF
SS36BF
SS38BF
SS310BF SS312BF SS315BF SS320BF
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average Forward Rectified Current
IF(AV)
3.0
A
Peak Forward Surge Current, 8.3ms Single Half Sine-
wave Superimposed On Rated Load (JEDEC method)
IFSM
80
70
A
Maximum Instantaneous Forward Voltage at 3 A
VF
0.55
0.70
0.85
0.95
V
Maximum Instantaneous Reverse Current TA = 25°C
at Rated DC Reverse Voltage
TA = 100°C
IR
0.5
5
0.3
3
mA
Typical Junction Capacitance (1)
Cj
450
400
pF
Typical Thermal Resistance (2)
RθJA
65
°C/W
Operating Junction Temperature Range
Tj
-55 ~ +150
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(
2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Marking Code
SS32BF
S32B
SS34BF
S34B
SS36BF
S36B
SS38BF
S38B
SS310BF
S310B
SS312BF
S312B
SS315BF
S315B
SS320BF
S320B


Similar Part No. - SS32BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS32BF CHENDA-SS32BF Datasheet
760Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS32BF YFWDIODE-SS32BF Datasheet
87Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
SS32BF SEMIPOWER-SS32BF Datasheet
121Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS32BF HDSEMI-SS32BF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
SS32BF ZSELEC-SS32BF Datasheet
172Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS32BF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com