Electronic Components Datasheet Search
  English  ▼

X  

BGY288 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY288
Description  Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY288 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY288 Datasheet HTML 1Page - NXP Semiconductors BGY288 Datasheet HTML 2Page - NXP Semiconductors BGY288 Datasheet HTML 3Page - NXP Semiconductors BGY288 Datasheet HTML 4Page - NXP Semiconductors BGY288 Datasheet HTML 5Page - NXP Semiconductors BGY288 Datasheet HTML 6Page - NXP Semiconductors BGY288 Datasheet HTML 7Page - NXP Semiconductors BGY288 Datasheet HTML 8Page - NXP Semiconductors BGY288 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
9397 750 14011
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 2 February 2005
2 of 22
Philips Semiconductors
BGY288
Power amplifier with integrated control loop
2.
Pinning information
2.1 Pinning
2.2 Pin description
[1]
Pins 2, 3, 11 and 12 (VBAT) are not internally connected and must all be connected to the battery supply
voltage.
Fig 1.
Pin configuration
Transparent top view
001aac028
VBAT
VBAT
RFI_LB
n.c.
GND
VBAT
VBAT
RFI_HB
TXON
GND
1
2
3
4
5
12
11
10
9
13
16
15
14
67
8
Table 1:
Pin description
Symbol
Pin
Type
Description
GND
1, 13, 15
ground
ground
VBAT [1]
2, 3
supply
battery supply voltage for DCS1800/PCS1900 section
11, 12
supply
battery supply voltage for GSM850/EGSM900 section
RFI_HB
4
analog input
DCS1800/PCS1900 transmit RF input
TXON
5
logic input
RF power control enable input
PC
6
analog input
RF power control input
VSTAB
7
supply
stabilized supply voltage
BAND
8
logic input
Low-Band (LB) (GSM850/EGSM900) or High-Band
(HB) (DCS1800/PCS1900) select input
n.c.
9
not connected
RFI_LB
10
analog input
GSM850/EGSM900 transmit RF input
RFO_LB
14
analog output
GSM850/EGSM900 transmit RF output
RFO_HB
16
analog output
DCS1800/PCS1900 transmit RF output
inner pads
ground
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com